Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAN-LC01CPA-R1/8 Datasheet(PDF) 13 Page - Autonics Corporation

Part # PSAN-LC01CPA-R1/8
Description  Small size, 1/2,000 resolution connector type digital pressure sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PSAN-LC01CPA-R1/8 Datasheet(HTML) 13 Page - Autonics Corporation

Back Button PSAN-LC01CPA-R1/8 Datasheet HTML 5Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 6Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 7Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 8Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 9Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 10Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 11Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 12Page - Autonics Corporation PSAN-LC01CPA-R1/8 Datasheet HTML 13Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
QTBO T_lc_m
01aa
MdUbbYf
@Gfoc^ nsj_A
@Qh_og[nc] nsj_A
A,02
Mdf]b[ kUg\Yf
DYlU[cb kfYbW\ Vc`h
}H2l5~
06aa
MdUbbYf
yJhmn[ff[ncih
:7 Tqdrrtqd onqs hr chuhcdc `r a`rhb `mc noshnm
rodbhehb`shnm7 Wgdqdenqd5 ad rtqd sg`s sn trd
bnlldqbh`kkx `u`hk`akd nmd sntbg ehsshmf7 2Vs`mc`qcC
U2TW3:8A/5 SoshnmC RTW:8A/5 @8:?/ 6 ;9 XRK3
;7 Tkd`rd bnmmdbs hs ax trhmf ro`mmdq2:;ll5 :@ll3
`s sgd lds`k o`qs hm nqcdq mns sn nudqkn`c nm sgd
ancx vgdm bnmmdbshmf nmd sntbg ehsshmf7
<7 Wvn cheedqdms ehwhmf aq`bjdsr `qd oqnuhcdc enq
TVFR lncdk7 Vdkdbs oqnodq nmd vhsg bnmrhcdqhmf
xntq `ookhb`shnm dmuhqnmldmsr7
=7 Fs ehqrs5 okd`rd tmrbqdv gdw`fnm vqdmbg anks `mc
`rrdlakd sgd aq`bjds nm sghr tmhs ax ehwhmf gdw`fnm
sgd vqdmbganks7
>7 Gq`bjds2TVS6G9;3`mc eqnms oqnsdbshnm bnudq
2TVS6 T9:3`qd rnkc rdo`q`sdkx7 Tkd`rd rdd sgd
ohbstqdr enq hmrs`kk`shnm7
-Tkd`rd trhmf sghr tmhs vhsghm sgd q`mfd ne rodbhehb`shnm5
he `ookxhmf oqdrrtqd hr k`qfdq sg`m rodbhehb`shnm5 hs
l`x mns ad vnqjhmf oqnodqkx ctd sn c`l`fd7
-Fesdq rtookxhmf onvdq5 hs s`jdr < rdb7 sn vnqj7
-Zgdm trhmf rvhsbghmf qdftk`snq `r onvdq rtookx5 hs
ltrs ad fqntmcdc2K7L737
-Ns l`x b`trd l`ketmbshnm ax mnhrd5 vgdm vhqhmf vhsg
onvdq khmd nq ghfg unks`fd khmd7
-In mns hmrdqs `mx rg`qo nq onhmsdc naidbs hmsn oqdrrtqd
onqs7
Ns l`x b`trd ldbg`mhb`k oqnakdl ctd sn rdmrnq c`l`fd7
-In mns trd sghr tmhs vhsg ek`ll`akd f`r5 adb`trd sghr
hr mns `m dwoknrhnm oqnne rsqtbstqd7
-Gd rtqd sg`s sghr tmhs rgntkc mns ad bnms`bsdc chqdbskx
vhsg v`sdq5 nhk5 sghmmdq5 dsb7
-Zhqhmf ltrs ad cnmd vhsg onvdq nee7
QTBO T_lc_m cm `il m_hmcha i` hih ]illimcp_
a[m4 Ei hin om_ nbcm jli^o]n [n ]illimcp_ a[m
il `f[gg[\f_ a[m2 _n]4
+
Ub_ ncabn_hcha nilko_ i` ih_
nio]b `cnncha mbiof^ \_ g[r4
766ea`-]g4
J` hin2 cn g[s ][om_ g_]b[hc][f
jli\f_g4
Mk]hW\]b[
fY[i`Uhcf
*
,
CfcibX
B-C-
Jh nbcm ][m_2 ncabn_hcha nilko_
i` b_r[aih ql_h]b mbiof^ \_
g[r4 9ea`-]g4
J` hin2 cn g[s ][om_ g_]b[hc][f
jli\f_g4
+
D[oncih
>fUW_Yh dUbY`
KfchYWh]cb
WcjYf
}QTP3Q67~
KUbY` acibh]b[ VfUW_Yh
}QTP3C68~
>cXm
}QTBO~
yQlij_l om[a_
D[oncih



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com