Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAN-LV1CPA-R1/8 Datasheet(PDF) 5 Page - Autonics Corporation

Part # PSAN-LV1CPA-R1/8
Description  Small size, 1/2,000 resolution connector type digital pressure sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PSAN-LV1CPA-R1/8 Datasheet(HTML) 5 Page - Autonics Corporation

  PSAN-LV1CPA-R1/8 Datasheet HTML 1Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 2Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 3Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 4Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 5Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 6Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 7Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 8Page - Autonics Corporation PSAN-LV1CPA-R1/8 Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
QTBO T_lc_m
A,4
+IKI cdYb Wc``YWhcf cihdih hmdY
+KIK cdYb Wc``YWhcf cihdih hmdY
~Nm b`rd ne `m`knf unks`fd ntsots sxod lncdkr rgnqs6bhqbths oqnsdbshnm hr mns dlanchdc7
In mns bnmmdbs vhsg onvdq rntqbd nq kn`c chqdbskx7
~Gd b`qdetk vhsg hmots hlodc`mbd ne bnmmdbshmf cduhbdr vgdm trhmf `m`knf unks`fd ntsots sxod lncdkr7
~Gd b`qdetk vhsg unks`fd cqno ctd sn b`akd qdrhrs`mbd vgdm dwsdmchmf rdmrnq b`akd7
wBh[fia ionjon .Wifn[a_ ionjon QTBO3xxxxW3x2 Doll_hn ionjon QTBO3xxxxB3x nsj_/
+IKI cdYb Wc``YWhcf cihdih hmdY
+KIK cdYb Wc``YWhcf cihdih hmdY
wIif^5Boni mbc`n chjon .QTBO3xxxxI3x nsj_/
*P}>fckb~
JON0}>`UW_~
JON1}Q\]hY~
/P}>`iY~
*
,
GcUX
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
01,13P@?
0_z
=bU`c[ cihdih
jc`hU[Y.WiffYbh
}JfUb[Y~
*P}>fckb~
=bU`c[ cihdih
jc`hU[Y.WiffYbh
}JfUb[Y~
JON0}>`UW_~
JON1}Q\]hY~
0_z
/P}>`iY~
*
,
GcUX
GcUX
01,13P@?
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
*P}>fckb~
JON0}>`UW_~
JON1}Q\]hY~
/P}>`iY~
*
,
GcUX
GcUX
01,13P@?
Dc`X.=ihc g\]Zh
]bdih}cfUb[Y~
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
*P}>fckb~
Dc`X.=ihc g\]Zh
]bdih}cfUb[Y~
JON0}>`UW_~
JON1}Q\]hY~
/P}>`iY~
*
,
GcUX
GcUX
01,13P@?
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
JjYf WiffYbh
dfchYWh]cb
W]fWi]h
GcUX
2
C Knq unks`fd ntsots sxod nmkx7 3
yGlihn j[h_f c^_hnc`c][ncih [h^ `oh]ncih
=
7
9
8
:
;
<
7 S[ha_ i` l[n_^ jl_mmol_ 9 N\Y ib]h `UVY` ]g W\Ub[YUV`Y-
K`YUgY igY U XYg]fYX aYUgifY ib]h `UVY`-
8 : ^cacn MFE ^cmjf[s.S_^/ 9 EbX]WUhYg aYUgif]b[ dfYggifY jU`iY+ gYhh]b[ jU`iY+ UbX Yffcf
aYggU[Y-
9 Ponjon7 ch^c][nil.S_^/ 9 Jihdih 0 ]g JI+ GA@ k]`` VY JI-
: Ponjon8 ch^c][nil.Hl__h/ 9 Jihdih 1 ]g JI+ GA@ k]`` VY JI-
;
e_s 9 OgYX hc YbhYf ]bhc KfYgYh.KUfUaYhYf gYhh]b[ acXY UbX hc gUjY MYhh]b[ acXY-
<
e_s 9 OgYX hc gYh dUfUaYhYf UbX dfYgYh+ dYU_ jU`iY W\YW_ acXY+ ZibWh]cb gYhh]b[ cf
cihdih cdYfUh]cb acXY-
=
1
e_sm 9 OgYX Zcf nYfc,dc]bh UX^ighaYbh ZibWh]cb Vm dfYgg]b[
*
_Ymg cjYf 0 gYW-
g]ai`hUbYcig`m ]b LOI acXY-
v
KfYggifY
ib]h
gYhh]b[
v
RYfc,dc]bh UX^ighaYbh
v
vv
KUfUaYhYf
gYhh]b[
KYU_ \c`X
RYfc,dc]bh
UX^ighaYbh
=bU`c[ cihdih gWU`Y
UbX Dc`X.=ihc M\]Zh
]bdih gYhh]b[
FYm
`cW_
gYhh]b[
D][\ dYU_
jU`iY W\YW_
LYgdcbgY
h]aY
gYhh]b[
@YhYWh]cb `YjY` 0 gYhh]b[ }cih0~
v
@YhYWh]cb `YjY` 1 gYhh]b[ }cih1~
KfYgg
_Ym
cjYf 2gYW-
KfYgg
*
_Ymg cjYf 0gYW-
KfYgYh jU`iY
gYhh]b[
KfYgg
_Ym
KfYgg
_Ym
cjYf 2gYW-
Jihdih
cdYfUh]cb
acXY gYhh]b[
Jihdih
hmdY
gYhh]b[
v
v
=ihc g\]Zh ]bdih gYhh]b[
}Eb WUgY cZ Dc`X.=ihc g\]Zh ]bdih hmdY acXY`~
Gck dYU_
jU`iY W\YW_
yDihnlif ionjon ^c[al[g
yT_nncha



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com