Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-802K.. Datasheet(PDF) 2 Page - Amphenol Corporation

Part # PSL-802K..
Description  Amphenol® SurLokTM Compression Lug with Plastic Housing using RADSOK® Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PSL-802K.. Datasheet(HTML) 2 Page - Amphenol Corporation

  PSL-802K.. Datasheet HTML 1Page - Amphenol Corporation PSL-802K.. Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical specifications of the Amphenol® Plastic SurlokTM:
UL listed under file UL1977
Engagement force: ~2 lbs. – 5 lbs. mating insertion and ~10 lbs. – 15 lbs. locking
Separation force: ~10 lbs. – 15 lbs.
Contact surfaces are silver plated on the pin and socket. Wire crimp barrel is matte tin
per industry standards.
RADSOK®
Current
SurLokTM Assembly (1)
Lug Only (2)
Conductor
Wire Size
Size
Rating
Part Number
Part Number
Max. Dia.
Crimp Code
3.6mm
70 Amps
PSLP-36
M3x0.5
5.7mm
125 Amps
PSLP-57
M5x0.8
8.0mm
200 Amps
PSLP-80
M8x1.25
10.3mm
300 Amps
PSLP-103
M10x1.5
Pin Dia.
Max. Current
Part Number
Thread (male)
8 AWG
3.6mm
70 Amps
PSL-368K
PSL-368
0.17 in.
Red 21
6 AWG
5.7mm
100 Amps
PSL-576K
PSL-576
0.21 in.
Blue 24
4 AWG
5.7mm
125 Amps
PSL-574K
PSL-574
0.27 in.
Gray 29
2 AWG
8.0mm
175 Amps
PSL-802K
PSL-802
0.30 in.
Brown 33
1 AWG
8.0mm
200 Amps
PSL-801K
PSL-801
0.35 in.
Green 37
1/0 AWG
10.3mm
250 Amps
PSL-10310K
PSL-10310
0.38 in.
Pink 42
2/0 AWG
10.3mm
300 Amps
PSL-10320K
PSL-10320
0.44 in.
Black 45
Notice: Specifications are subject to change without notice. Contact your nearest Amphenol Corporation Sales Office for the latest specifications. All statements, information and data given herein are believed to be accurate
and reliable but are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements or suggestions concerning possible use of our products are made without representation or warranty
that any such use is free of patent infringement and are not recommendations to infringe any patent. The user should assume that all safety measures are indicated or that other measures may not be required. Specifications
are typical and may not apply to all connectors.
AMPHENOL is a registered trademark of Amphenol Corporation.
@2007 Amphenol Corporation
Printed in U.S.A.
5/2007
Amphenol
Chassis showing applica-
tion of Plastic SurLokTM
Notes:
(1) SurlokTM Assembly contains the wire crimp lug, plus a two-piece dielectric clamshell housing.
Housing is available in black color as standard. Consult Amphenol Industrial for alternate color options.
(2) Lug only specifies the wire crimp RADSOK® SurLokTM lug, less the plastic housings.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com