Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAN-LC01CPH-R1/8 Datasheet(PDF) 4 Page - Autonics Corporation

Part # PSAN-LC01CPH-R1/8
Description  Small size, 1/2,000 resolution connector type digital pressure sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PSAN-LC01CPH-R1/8 Datasheet(HTML) 4 Page - Autonics Corporation

  PSAN-LC01CPH-R1/8 Datasheet HTML 1Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 2Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 3Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 4Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 5Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 6Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 7Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 8Page - Autonics Corporation PSAN-LC01CPH-R1/8 Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
A,3
Ql_mmol_ T_hmil
+B]]_mmils
+B]]_mmils.Tif^ m_j[l[n_fs/
: KMJ,>/1 <
: KMJ,K/0 <
+>fUW_Yh =
+>fUW_Yh >
-KfYggifY ib]h `UVY`
->fUW_Yh =
->fUW_Yh >
-?cbbYWhcf WUV`Y}KMJ,?/0~
-H4 CYbXYf
-Bfcbh dfchYWh]cb
WcjYf
-KUbY` acibh]b[
VfUW_Yh
: KMJ,R/0 <
}Ob]h9aa~
wGfoc^ nsj_
2/
21
06
KN 0.7{
}MhUbXUfX~
1/
2/
1,H2NUd
EbbYf dUfh H4 NUd
43
2/
3/
5
24-4
34
1/
1,H3 >c`h
1/
2/
KUbY` acibh]b[
VfUW_Yh
}KMJ,>/1~
24
14
1,H3 >c`h
1/
2,{2-1
1/
2/
1,H3 >JGN
0-5
02
14
24
1,H3 >c`h
2,{2-1
1/
yEcg_hmcihm
+Gcrcha \l[]e_n B `il giohncha
+Gcrcha \l[]e_n C `il giohncha
+Q[h_f giohncha \l[]e_n
+KUbY` Wih,cih
}KUbY` h\]W_bYgg 9
/-7aa hc 2-4aa~
25
*/-4
/
Q\Yb Zfcbh WcjYf
]g acibhYX
Bfcbh
dfchYWh]cb
WcjYf
}KMJ,K/0~
~.B/ TW:8A/ lncdk2Vs`mc`qc3C A5 RTW:8A/ lncdkC A5
@8:?/6;9 XRK lncdkC ::
~.07/ Smkx enq TW:8A/ lncdk5 RTW:8A/ lncdk
~.C/ TW:8A/ lncdk2Vs`mc`qc3C >?7<5 RTW:8A/ lncdkC >?7<5
@8:?/6;9 XRK lncdkC >B7<
.C/
Gc\_l
ijnc]
m_hmil
.P/
T_hmil
]ihnliff_l
.F/
Ql_mmol_
m_hmil
.G/
Sin[ls
_h]i^_l
.O/
Ecmjf[s
ohcn
.J/
TTS5
Qiq_l
]ihnliff_l
.Q/
Tqcn]bcha
jiq_l
mojjfs
.E/
Qlircgcns
m_hmil
.R/
Tn_jjcha
ginil -
Elcp_l -
Dihnliff_l
.S/
Hl[jbc]5
Miac]
j[h_f
.N/
U[]bi5
Tj__^5
Qofm_
g_n_l
.M/
Q[h_f
g_n_l
.B/
Qbini
_f_]nlc]
m_hmil
.T/
Gc_f^
h_nqile
^_pc]_
.D/
Eiil5Bl_[
m_hmil
.H/
Dihh_]nil5
Ti]e_n
.I/
U_gj4
]ihnliff_l
.K/
Diohn_l
.L/
Ucg_l
.U/
Qli^o]ncih
mnijj[a_
gi^_fm -
l_jf[]_g_hn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com