Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL80 Datasheet(PDF) 4 Page - COAST Products.

Part # CL80
Description  High-performance, lighting solutions at a highly competitive price
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COAST [COAST Products.]
Direct Link  https://coastportland.com/
Logo COAST - COAST Products.

CL80 Datasheet(HTML) 4 Page - COAST Products.

  CL80 Datasheet HTML 1Page - COAST Products. CL80 Datasheet HTML 2Page - COAST Products. CL80 Datasheet HTML 3Page - COAST Products. CL80 Datasheet HTML 4Page - COAST Products.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
800Lumens
5 Hours battery run-time
High (100%) & Low (50%) modes
180 degree adjustable handle for
hanging-up or free standing
4 x AA Batteries (not supplied)
Supplied in 4 Colour hanging/ or
free-standing display box
Incredible value for high-powered
Work-lamp easily capable of
lighting-up large areas!
CLW800 Wide area LED Work-lamp
CLW1150 rechargeable LED Work-lamp
1150Lumens
5 Hours battery run-time
Inbuilt ‘Li-on’ rechargeable battery
High (100%) & Low (50%) modes
180 degree adjustable handle for
hanging-up or free standing
Includes ‘Battery Life ‘ indicator display
‘Power Out’ port enables option to
recharge other powered products
such as smart phones/tablets
Supplied in 4 Colour hanging/ or free-
standing display box
Incredible value for high-powered
Rechargeable Work-lamp easily
capable of lighting-up large areas!
High-performance, lighting solutions at a highly competitive price
core
l I g h t I n g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com