Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCM12-2DN Datasheet(PDF) 5 Page - Autonics Corporation

Part # PRCM12-2DN
Description  Cylindrical connector type proximity sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRCM12-2DN Datasheet(HTML) 5 Page - Autonics Corporation

  PRCM12-2DN Datasheet HTML 1Page - Autonics Corporation PRCM12-2DN Datasheet HTML 2Page - Autonics Corporation PRCM12-2DN Datasheet HTML 3Page - Autonics Corporation PRCM12-2DN Datasheet HTML 4Page - Autonics Corporation PRCM12-2DN Datasheet HTML 5Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Agdlc
Aaj[
MLSDN
.
0
Agdlc
Aaj[
57RCB
.
V
Agdlc
Aaj[
,Qc_i=bb-
8C@I PNDIB }| JM z| pkRDM@ OTK@ KMJSDHDOT N@INJMj OC@ GJ<? HPNO =@ >JII@>O@? JOC@MRDN@ DIO@MI<G
>JHKJI@ION H<T =@ ?<H<B@?lzI? OC@ GJ<? ><I =@ >JII@>O@? OJ @DOC@M RDM@l
> @B 50l_g[ ine[ ?
> CB 50l_g[ ine[ ?
> CB 50l_g[ ine[ + @B 50l_g[ ine[ ?
3G@<N@ H<F@ OC@ >PMM@IO JI KMJSDHDOT N@INJM NH<GG@M OC<I OC@
M@OPMI >PMM@IO JA GJ<? =T >JII@>ODIB < =G@@?@M M@NDNOJM DI K<M<GG@Gl
Z8 Q<GP@ JA {G@@?@M M@NDNOJM NCJPG? =@ =DBB@M AJM KMJK@M C@<O
?DNNDK<ODJIl
e@B 50l_g[ ine[
eCB 50l_g[ ine[
T -=@Yi_dc Yjgg[ci d\ adWZ/ N=Aa[[Z[g g[h_hiWcY[/ M=M[gb_hh_Xa[ edl[gU
Agdlc
Aaj[
443R@B = 53`v b_c1 6S
553R@B = 6<`v b_c1 43S
p
IdWZ
Aa[[Z[g g[h_hidg,N-
.
0
Agdlc
Aaj[
@
EWY[ id EWY[
A
H05;
Rh = Mdl[g hjeean/ fd = J_c1 WYi_dc Yjgg[ci d\ egdm_b_in h[chdg
-d\\ = N[ijgc Yjgg[ci d\ adWZ/ M = KjbX[g d\ Aa[[Z[g g[h_hiWcY[ lWii
u
u
wZ
u
b
c
@B
MLSDN
75
-Jk-JAA
75
-
Rh
6_SQULXQKIS 6VUUMKZVX G_WM
g
p 4330
573R@B
873293Fo
IdWZ
IdWZ
sIdWZ Ydcc[Yi_dch
aCXVWMX [YIOM
IdWZ
IdWZ
shc YWh[ d\ i^[ adWZ Yjgg[ci _h hbWaa
-O H<T ><PN@ M@OPMI A<DGPM@ JA GJ<? =T M@ND?P<G QJGO<B@l -A OC@ GJ<?
>PMM@IO DN PI?@M sHzj KG@<N@ H<F@ NPM@ OC@ M@ND?P<G QJGO<B@ DN
G@NN OC<I OC@ M@OPMI QJGO<B@ JA OC@ GJ<? =T >JII@>ODIB < =G@@?@M
M@NDNOJM DI K<M<GG@G RDOC OC@ GJ<? <N NCJRI DI OC@ ?D<BM<Hl
8C@I N@Q@M<G KMJSDHDOT N@INJMN <M@ HJPIO@? >GJN@GTj H<GAPI>ODJI JA N@INJM H<T =@ ><PN@? ?P@ OJ HPOP<G
DIO@MA@M@I>@l 6C@M@AJM@j =@ NPM@ OJ KMJQD?@ < HDIDHPH ?DNO<I>@ =@OR@@I OC@ ORJ N@INJMNj <N =@GJR >C<MONl
sJjijWa0_ci[g\[g[cY[ + hc\aj[cY[ Xn hjggdjcZ_c] b[iWah
8C@I N@INJMN <M@ HJPIO@? JI H@O<GGD> K<I@Gj TJP HPNO KM@Q@IO OC@ N@INJMN AMJH =@DIB <AA@>O@? =T <IT
H@O<GGD> J=E@>O @S>@KO O<MB@Ol 6C@M@AJM@j =@ NPM@ OJ KMJQD?@ < HDIDHPH ?DNO<I>@ <N =@GJR >C<MOl
JdZ[a
hi[b
@
45
57
3
45
9
4;
A
u
wZ
b
c
57
69
44
69
45
69
63
69
3
4;
48
5:
7;
87
47
87
57
87
93
93
3
63
63
78
<3
<3
48
<3
87
<3
MNBJP63048C
MNBJ,I-63048C
MNBJ,I-63048@
MNBJP63043Ct
MNBJ,I-63043Ct
MNBJ,I-63043@t
MNBJP4;0;Ct
MNBJ,I-4;0;Ct
MNBJ,I-4;0;@t
MNBJP4;08C
MNBJ,I-4;08C
MNBJ,I-4;08@
MNBJP4507Ct
MNBJ4507Ct
MNBJ4507@t
MNBJP4505Ct
MNBJ4505Ct
MNBJ4505@t
75
4
`
75
4
`
4 y
g[h
3 y
g8h
4 y
g[h
3 y
g8h
IdWZ
Aa[[Z[g g[h_hidg,N-
MWgWaa[a
|>}
CPVZV
MSMKZXQK
YMUYVX
|;}
FMUYVX
KVUZXVSSMX
|@}
EVZIX_
MUKVLMX
|:}
7QYWSI_
[UQZ
|9}
GIKPV,
FWMML,
C[SYM
TMZMX
|8}
CIUMS
TMZMX
|?}
CXMYY[XM
YMUYVX
|7}
CV]MX
KVUZXVSSMX
|<}
F]QZKPQUO
WV]MX
Y[WWS_
|6}
GMTW+
KVUZXVSSMX
|A}
FZMWWQUO
TVZVX {
7XQ\MX {
6VUZXVSSMX
|C}
9QMSL
UMZ]VXR
LM\QKM
|B}
:XIWPQK
WIUMS
|4}
6V[UZMX
|5}
GQTMX
|D}
CXVL[KZQVU
YZVWWIOM
TVLMSY {
XMWSIKMTMUZ
|=}
CXV^QTQZ_
YMUYVX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com