Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563TS/5 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8563TS/5
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563TS/5 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8563TS/5 Datasheet HTML 10Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 11Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 12Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 13Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 14Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 15Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 16Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 17Page - NXP Semiconductors PCF8563TS/5 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
14 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
[1]
Default value.
8.6.2 Register Hour_alarm
[1]
Default value.
8.6.3 Register Day_alarm
[1]
Default value.
8.6.4 Register Weekday_alarm
[1]
Default value.
8.6.5 Alarm flag
By clearing the alarm enable bit (AE_x) of one or more of the alarm registers, the
corresponding alarm condition(s) are active. When an alarm occurs, AF is set to logic 1.
The asserted AF can be used to generate an interrupt (INT). The AF is cleared using the
interface.
The registers at addresses 09h through 0Ch contain alarm information. When one or
more of these registers is loaded with minute, hour, day or weekday, and its
corresponding AE_x is logic 0, then that information is compared with the current minute,
hour, day, and weekday. When all enabled comparisons first match, the alarm flag (AF in
register Control_2) is set to logic 1.
Table 19.
Hour_alarm - hour alarm register (address 0Ah) bit description
Bit
Symbol
Value
Place value Description
7
AE_H
0
-
hour alarm is enabled
1[1]
-
hour alarm is disabled
6
-
-
-
unused
5 to 4 HOUR_ALARM
0 to 2
ten’s place
hour alarm information coded in BCD
format
3 to 0
0 to 9
unit place
Table 20.
Day_alarm - day alarm register (address 0Bh) bit description
Bit
Symbol
Value
Place value Description
7
AE_D
0
-
day alarm is enabled
1[1]
-
day alarm is disabled
6
-
-
-
unused
5 to 4 DAY_ALARM
0 to 3
ten’s place
day alarm information coded in BCD
format
3 to 0
0 to 9
unit place
Table 21.
Weekday_alarm - weekday alarm register (address 0Ch) bit description
Bit
Symbol
Value
Description
7
AE_W
0
weekday alarm is enabled
1[1]
weekday alarm is disabled
6 to 3 -
-
unused
2 to 0 WEEKDAY_ALARM 0 to 6
weekday alarm information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com