Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD04060A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # CSD04060A
Description  SiC Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CSD04060A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  CSD04060A Datasheet HTML 1Page - Inchange Semiconductor Company Limited CSD04060A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISCD7055
eq CSD04060A
SiC Schottky Barrier Diode
www.iscsemi.com
1
FEATURES
· 600-Volt Schottky Rectifier
· Extremely Fast Switching
· High-Frequency Operation
APPLICATIONS
· Switch Mode Power Supplies
· Motor Drives
· DC-DC Converters
、
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitisve Peak Reverse Voltage
600
V
IF
Continuous Forward Current
Tc=125°C
7
A
Tc=150°C
4
A
IFSM
Non-Repetitive Forward Surge Current
Tc=25°C,Tp= 1.5ms,Half Sine Wave
38
A
Tc=125°C,Tp= 10us,Pulse
110
A
IFP
Peak Forward Current
TC=125˚ , TREP<1 mS, Duty=0.5
10
A
Ptot
Power Dissipation
Tc= 25°C
62.5
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
Typ
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.4
℃
/W


Similar Part No. - CSD04060A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD04060A ETC-CSD04060A Datasheet
203Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD04060A CREE-CSD04060A Datasheet
487Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - CSD04060A

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com