Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN150N65X2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IXFN150N65X2
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXFN150N65X2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IXFN150N65X2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXFN150N65X2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXFN150N65X2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISFM1325
eq IXFN150N65X2
N-Channel MOSFET
www.iscsemi.com
1
DESCRIPTION
· Drain Current -ID= 145A@ TC=25℃
· Drain Source Voltage
-VDSS= 650V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 17mΩ(Max)@VGS= 10V
APPLICATIONS
· DC-DC Converter
· PFC Circuits
· Power Supplies
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
650
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current-continuous@ TC=25℃
145
A
IDM
Pulse Drain Current
300
A
PD
Total Dissipation@TC=25℃
1040
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.12
℃
/W
D
G
S
S
SOT-227 package


Similar Part No. - IXFN150N65X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN150N65X2 IXYS-IXFN150N65X2 Datasheet
132Kb / 5P
X2-Class HiPerFETTM
More results

Similar Description - IXFN150N65X2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com