Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX79C10 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C10
Description  500 mW Hermetically Sealed Glass Zener Voltage Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C10 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX79C10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT
IR @ VR
Number
VZ
VZ
IZT
Ohms
IZK
ZZK @ IZK
uA
VR
Min (V)
Max (V)
mA
Max
mA
Ohms
Max
V
BZX79C2V0
1.88
2.12
5
100
1.0
600
150
1.0
BZX79C2V2
2.08
2.33
5
100
1.0
600
150
1.0
BZX79C2V4
2.28
2.56
5
100
1.0
600
100
1.0
BZX79C2V7
2.51
2.89
5
100
1.0
600
75
1.0
BZX79C3V0
2.8
3.2
5
95
1.0
600
50
1.0
BZX79C3V3
3.1
3.5
5
95
1.0
600
25
1.0
BZX79C3V6
3.4
3.8
5
90
1.0
600
15
1.0
BZX79C3V9
3.7
4.1
5
90
1.0
600
10
1.0
BZX79C4V3
4.0
4.6
5
90
1.0
600
5
1.0
BZX79C4V7
4.4
5.0
5
80
1.0
500
3.0
2.0
BZX79C5V1
4.8
5.4
5
60
1.0
480
2.0
2.0
BZX79C5V6
5.2
6.0
5
40
1.0
400
1.0
2.0
BZX79C6V2
5.8
6.6
5
10
1.0
150
3.0
4.0
BZX79C6V8
6.4
7.2
5
15
1.0
80
2.0
4.0
BZX79C7V5
7.0
7.9
5
15
1.0
80
1.0
5.0
BZX79C8V2
7.7
8.7
5
15
1.0
80
0.7
5.0
BZX79C9V1
8.5
9.6
5
15
1.0
100
0.5
6.0
BZX79C10
9.4
10.6
5
20
1.0
150
0.2
7.0
BZX79C11
10.4
11.6
5
20
1.0
150
0.1
8.0
BZX79C12
11.4
12.7
5
25
1.0
150
0.1
8.0
BZX79C13
12.4
14.1
5
30
1.0
170
0.1
8
BZX79C15
13.8
15.6
5
30
1.0
200
0.05
10.5
BZX79C16
15.3
17.1
5
40
1.0
200
0.05
11.2
BZX79C18
16.8
19.1
5
45
1.0
225
0.05
12.6
BZX79C20
18.8
21.2
5
55
1.0
225
0.05
14.0
BZX79C22
20.8
23.3
5
55
1.0
250
0.05
15.4
BZX79C24
22.8
25.6
5
70
1.0
250
0.05
16.8
BZX79C27
25.1
28.9
2
80
0.5
300
0.05
18.9
BZX79C30
28
32
2
80
0.5
300
0.05
21.0
BZX79C33
31
35
2
80
0.5
325
0.05
23.1
BZX79C36
34
38
2
90
0.5
350
0.05
25.2
BZX79C39
37
41
2
130
0.5
350
0.05
27.3
BZX79C43
40
46
2
150
0.5
375
0.05
30.1
BZX79C47
44
50
2
170
0.5
375
0.05
32.9
BZX79C51
48
54
2
180
0.5
400
0.05
35.7
BZX79C56
52
60
2
200
0.5
425
0.05
39.2
BZX79C62
58
66
2.5
215
0.5
1000
0.05
43.4
BZX79C68
64
72
2.5
240
0.5
1000
0.05
47.6
BZX79C75
70
80
2.5
255
0.5
1000
0.05
52.5
Notes:
1. Tolerance and voltage designation, the type numbers listed have zener voltage as shown.
2. Specials available include, nominal zener voltages between the voltages shown
and tighter voltage, for detailed information on price, availability and delivery.
3. Zener voltage (VZ) measurement, the zener voltage is measured under pulse
condicitons such that TJ is no more than 2
oC above T
A.
4. Zener impedance (ZZ) derivaton, zener impedance is derived from the 60-cycle ac
voltage, which results when an accurrent having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT.
Version: A07
(Volts)
VZ @ IZT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com