Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48822TL/NOPB
Description  LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48822TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48822TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0
1
2
3
4
5
6
7
8
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
LM48822, LM48822TLEVAL
SNAS456C – MAY 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage
CMRR vs Frequency
RL = 32Ω, f = 1kHz
VDD = 3.6V, VCM = 1VP-P, RL = 32Ω
Figure 15.
Figure 16.
PSRR vs Frequency
Crosstalk vs Frequency
VDD = 3.6V, VRIPPLE = 20mVP-P, RL = 32Ω
VDD = 3.6V, VRIPPLE = 1VP-P, RL = 32Ω
Figure 17.
Figure 18.
Ground Noise vs Frequency
Supply Current vs Supply Voltage
VDD = 3.6V, VRIPPLE = 20mVP-P, RL = 32Ω
No Load
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com