Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48823TL/NOPB
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48823TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48823TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM48823, LM48823TLEVAL
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage(1)
5.25V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(3)
Internally Limited
ESD Rating(4)
8kV
ESD Rating(5)
250V
Junction Temperature
150°C
Thermal Resistance
θJA (typ) - (TLA1611A)
63.2°C/W
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(4)
Human body model, applicable std. JESD22-A114C.
(5)
Machine model, applicable std. JESD22-A115-A.
OPERATING RATINGS
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
PVDD and SVDD
2.0V
≤ VDD ≤ 4.5V
I2CVDD
1.8V
≤ I2CVDD ≤ 4.5V
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com