Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDL5V0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TESDL5V0
Description  SMD ESD Protection Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDL5V0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TESDL5V0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDL5V0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
(TESDL5V0 SERIES)
Fig. 1 - 8/20us Peak pulse current wave
form acc. IEC 61000-4-5
Fig. 3 - Capacitance between
terminals characteristics
Fig. 2 - Reverse characteristics
Fig. 4 - Power rating derating curve
Reverse voltage (%)
Reverse voltage (V)
O
Ambient temperature ( C)
Time (us)
0%
20%
40%
60%
80%
100%
0
10
20
30
40
8 us to 100%
20 us to 50us
0
3
6
9
12
15
0
10
20
30
40
TESDL5V0
TESDL12V
TESDL24V
TESDL36V
20
40
60
80
100
0
25
50
75
100
125
150
Mounting on glass epoxy PCBs
Version: A07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com