Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5041AMTCX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5041AMTCX/NOPB
Description  LM5041A Cascaded PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5041AMTCX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5041AMTCX/NOPB Datasheet HTML 1Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 2Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 3Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 4Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 5Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 6Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 7Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 8Page - Texas Instruments LM5041AMTCX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM5041A
www.ti.com
SNVS350B – MARCH 2005 – REVISED MARCH 2013
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
VIN
Source Input Voltage
Input to start-up regulator. Input range 15V to 100V.
Inverting input for the internal error amplifier. The non-
2
FB
Feedback Signal
inverting input is connected to a 0.75V reference.
There is an internal 5k
Ω resistor pull-up on this pin. The
3
COMP
Output of the Internal Error Amplifier
error amplifier provides an active sink.
Maximum output current: 10mA. Locally decouple with a
4
REF
Precision 5 volt reference output
0.1µF capacitor. Reference stays low until the line UV and
the VCC UV are satisfied.
Buck switch PWM control output. The maximum duty cycle
clamp for this output corresponds to an off time of typically
5
HD
Main Buck PWM control output
240ns per cycle. The LM5101 or LM5102 Buck stage gate
driver can be used to level shift and drive the Buck switch.
Sync Switch control output. Inversion of HD output. The
6
LD
Sync Switch control output
LM5101 or LM5102 lower drive can be used to drive the
synchronous rectifier switch.
If an auxiliary winding raises the voltage on this pin above
Output from the internal high voltage start-up
7
VCC
the regulation setpoint, the internal start-up regulator will
regulator. Regulated to 9 volts.
shutdown, reducing the IC power dissipation.
Output of the push-pull gate driver. Output capability of
8
PUSH
Output of the push-pull drivers
1.5A peak .
Output of the push-pull gate driver. Output capability of
9
PULL
Output of the push-pull drivers
1.5A peak.
10
PGND
Power ground
Connect directly to analog ground.
11
AGND
Analog ground
Connect directly to power ground.
Current sense input to the PWM comparator (CM control).
There is a 50ns leading edge blanking on this pin. Using
12
CS
Current sense input
separate dedicated comparator, if CS exceeds 0.5V the
outputs will go into cycle by cycle current limit.
An external capacitor and an internal 10uA current source,
13
SS
Soft-start control
set the soft-start ramp.
An external resistor (RSET) sets the overlap time or dead
time for the push-pull outputs. A resistor connected
14
TIME
Push-Pull overlap and dead time control
between TIME and GND produces overlap. A resistor
connected between TIME and REF produces dead time.
An external resistor sets the oscillator frequency. This pin
15
RT / SYNC
Oscillator timing resistor pin and sync
will also accept an external oscillator.
An external divider from the power converter source sets
the shutdown levels. Threshold of operation equals 2.5V.
16
UVLO
Line Under-Voltage Shutdown
Hysteresis is set by a switched internal current source
(20µA).
The exposed die attach pad on the WSON package should
be connected to a PCB thermal pad at ground potential.
WSON
SUB
Die substrate
For additional information on using the No Pull Back
DAP
WSON package, please refer to LLP Application Note AN-
1187 (SNOA401).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5041A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com