Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPS Datasheet(PDF) 1 Page - TT Electronics.

Part # FPS
Description  Pressure Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FPS Datasheet(HTML) 1 Page - TT Electronics.

  FPS Datasheet HTML 1Page - TT Electronics. FPS Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure Switch
FPS
© TT electronics plc
Issue A
07/2018 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
We offer a wide range of adjustable diaphragm and piston type pressure switches, that are suitable for both gas
and liquids. Offered in both zinc-plated steel and stainless steel body materials, we will have a product that is
suitable for your application.
These pressure switches are ideal for use within hydraulics and pneumatics, have change-over contacts and
benefit from having a compact design.
If you cannot see an exact match to your requirement in the list of available products, please contact us and we
will endeavour to supply a product to meet your requirements.
Features:
Wide range of adjustable diaphragm and piston type pressure switches
Suitable for gas and liquids
Available in zinc-plated steel and stainless steel body materials
Output
SPCO contacts
Contact Rating
250Vac/4A (resistive)
Process Connection
1/4" BSP Male (G 1/4")
Electrical Connection
IP65 Plug
Temperature
-30°C to 120°C
Pressure
100 bar on 1.5 and 10 bar steel units
300 bar on all others upto 100 bar
600 bar on 200 bar units
Dimensions
27mm AF, 26mm OD
Cable Gland
Pg 9
Hysteresis
10 to 30% of max, switch point, adjustable
Wetted Materials
Viton diaphragm/piston seal and zinc-plated steel or Stainless Steel body


Similar Part No. - FPS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FPS LITTELFUSE-FPS Datasheet
2Mb / 2P
The FPS Feeder Protection System monitors voltage and current to provide a comprehensive package of 17 protective functions
FPS LITTELFUSE-FPS Datasheet
165Kb / 2P
terminations and adapt ers
May 2012
logo
Pro-Power
FPS 016 6020 GRN PROPOWER-FPS 016 6020 GRN Datasheet
203Kb / 4P
Heat Shrink Tubing
15/07/13 V1.2
FPS-003-1100-BLK PROPOWER-FPS-003-1100-BLK Datasheet
203Kb / 4P
Heat Shrink Tubing
15/07/13 V1.2
FPS-003-4025-BLK PROPOWER-FPS-003-4025-BLK Datasheet
203Kb / 4P
Heat Shrink Tubing
15/07/13 V1.2
More results

Similar Description - FPS

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
logo
Festo Corporation.
8000033 FESTO-8000033 Datasheet
99Kb / 1P
Pressure switch
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
10773 FESTO-10773 Datasheet
81Kb / 2P
Pressure switch
7/13/22
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
152618 FESTO-152618 Datasheet
93Kb / 1P
Pressure switch
7/13/22
159259 FESTO-159259 Datasheet
97Kb / 1P
Pressure switch
7/13/22
161760 FESTO-161760 Datasheet
93Kb / 2P
Pressure switch
7/13/22
175252 FESTO-175252 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com