Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML02SC06D2 Datasheet(PDF) 1 Page - TT Electronics.

Part # SML02SC06D2
Description  SILICON CARBIDE SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SML02SC06D2 Datasheet(HTML) 1 Page - TT Electronics.

  SML02SC06D2 Datasheet HTML 1Page - TT Electronics. SML02SC06D2 Datasheet HTML 2Page - TT Electronics. SML02SC06D2 Datasheet HTML 3Page - TT Electronics. SML02SC06D2 Datasheet HTML 4Page - TT Electronics. SML02SC06D2 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON CARBIDE
SCHOTTKY BARRIER DIODE
SML02SC06D2A / SML02SC06D2B
Low Leakage
Fast Switching
Low Forward Voltage
Hermetic Ceramic Surface Mount Package
Suitable For General Purpose, Switching Applications
Zero Equivalent Reverse Recovery
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab
assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that
datasheets are current before placing orders.
Semelab
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Document Number:
Issue:
Page:
10003
2
1 of 5
Telephone:
Fax:
+44 (0) 1455 556565
+44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VRRM
Repetitive Peak Reverse Voltage
600V
VRSM
Surge Peak Reverse Voltage
600V
VDC
DC Blocking Voltage
600V
IF(AVG)(1)
Average Forward Current
2A
PD
Total Power Dissipation at TJ = 25°C
5W
Derate Above 25°C
25mW/°C
TJ
Maximum Junction Temperature
225°C
Tstg
Storage Temperature Range
-55 to +225°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJSP(IN)
Thermal Resistance, Junction To Solder Pads TSP = 25°C
40
°C/W
RθJA(PCB)(2) Thermal Resistance, Junction To Ambient, On PCB (small pads)
115
°C/W
RθJA(PCB)(3) Thermal Resistance, Junction To Ambient, On PCB (large pads)
175
°C/W
Notes
(1)
IF is rated at 1.1A @ TA = 25°C for PC boards where thermal resistance from mounting point to ambient is sufficiently controlled where TJ(Max)
does not exceed 225°C; This equates to RθJA(PCB) ≤ 115°C/W.
(2)
PCB = FR4, 0.0625 Inch (1.59mm) thick, single layer, 1.0-Oz Cu, Pad Size, (1.0” x 1.0”), (25.4mm x 25.4mm) , horizontal in still air.
(3)
PCB = FR4, 0.0625 Inch (1.59mm) thick, single layer, 1.0-Oz Cu, Pad Size, (0.067” x 0.105”)‡, (1.70mm x 2.76mm) ‡, horizontal in still air. IF is rated
at 0.8A @ TA = 25°C for PC boards where RθJA(PCB) ≤ 175°C/W. Derate at 4mA/°C above TA = 25°C in this case.
‡ Recommended solder pad layout dimensions for this device, as detailed within this datasheet for the D-5A device.


Similar Part No. - SML02SC06D2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SML02SC06D2A TTELEC-SML02SC06D2A Datasheet
569Kb / 5P
SILICON CARBIDE SCHOTTKY BARRIER DIODE
More results

Similar Description - SML02SC06D2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PCDB0465G1 PANJIT-PCDB0465G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 3,2021 PCDB0465G1-REV.00
PCDE1065G1 PANJIT-PCDE1065G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 7,2021 PCDE1065G1-REV.00
PCDC0465G1 PANJIT-PCDC0465G1 Datasheet
297Kb / 5P
Silicon Carbide Schottky Barrier Diode
December 03,2021 PCDC0465G1-REV.00
PCDC08120G1 PANJIT-PCDC08120G1 Datasheet
298Kb / 5P
Silicon Carbide Schottky Barrier Diode
December 03,2021 PCDC08120G1-REV.00
PCDD05120G1 PANJIT-PCDD05120G1 Datasheet
295Kb / 5P
Silicon Carbide Schottky Barrier Diode
September 15,2021 PCDD05120G1-REV.00
PCDD1065G1 PANJIT-PCDD1065G1 Datasheet
296Kb / 5P
Silicon Carbide Schottky Barrier Diode
September 15,2021 PCDD1065G1-REV.00
PCDH40120CCG1 PANJIT-PCDH40120CCG1 Datasheet
337Kb / 5P
Silicon Carbide Schottky Barrier Diode
February 22,2022 PCDH40120CCG1-REV.00
PCDP08120G1 PANJIT-PCDP08120G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
November 9,2020 PCDP08120G1-REV.00
PCDP20120G1 PANJIT-PCDP20120G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
November 9,2020 PCDP20120G1-REV.00
PCDH2065CCG1-AU PANJIT-PCDH2065CCG1-AU Datasheet
428Kb / 5P
Silicon Carbide Schottky Barrier Diode
March 9,2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com