Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14B Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74ACT14B
Description  HEX SCHMITT INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT14B Datasheet(HTML) 3 Page - STMicroelectronics

  74ACT14B Datasheet HTML 1Page - STMicroelectronics 74ACT14B Datasheet HTML 2Page - STMicroelectronics 74ACT14B Datasheet HTML 3Page - STMicroelectronics 74ACT14B Datasheet HTML 4Page - STMicroelectronics 74ACT14B Datasheet HTML 5Page - STMicroelectronics 74ACT14B Datasheet HTML 6Page - STMicroelectronics 74ACT14B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
5.0
(*)
7.2
11.4
13.0
ns
(*) Voltage range is 5V
± 0.5V
DC SPECIFICATIONS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
Vt+
High Level Input Voltage
4.5
2.0
2.0
V
5.5
2.0
2.0
Vt-
Low Level Input Voltage
4.5
0.6
0.6
V
5.5
0.6
0.6
Vh
Hysteresis Voltage
4.5
0.4
1.4
0.4
1.4
V
5.5
0.4
1.5
0.4
1.5
VOH
High Level Output
Voltage
4.5
VI
(* ) =
VIH or
VIL
IO=-50
µA
4.4
4.49
4.4
V
5.5
IO=-50
µA
5.4
5.49
5.4
4.5
IO=-24 mA
3.86
3.76
5.5
IO=-24 mA
4.86
4.76
VOL
Low Level Output
Voltage
4.5
VI
(* ) =
VIH or
VIL
IO=50
µA
0.001
0.1
0.1
V
5.5
IO=50 mA
0.001
0.1
0.1
4.5
IO=24 mA
0.36
0.44
5.5
IO=24 mA
0.36
0.44
II
Input Leakage Current
5.5
VI =VCC or GND
±0.1
±1
µA
ICCT
Max ICC /Input
5.5
VI =VCC -2.1 V
0.6
1.5
mA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
4
40
µA
IOLD
Dynamic Output Current
(note 1, 2)
5.5
VOLD = 1.65 V max
75
mA
IOHD
VOHD = 3.85 V min
-75
mA
1) Maximum test duration 2ms, one output loaded attime
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω.
(*) All outputs loaded.
74ACT14
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com