Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907. Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT2907.
Description  PNP General-Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2907. Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT2907. Datasheet HTML 1Page - ON Semiconductor MMBT2907. Datasheet HTML 2Page - ON Semiconductor MMBT2907. Datasheet HTML 3Page - ON Semiconductor MMBT2907. Datasheet HTML 4Page - ON Semiconductor MMBT2907. Datasheet HTML 5Page - ON Semiconductor MMBT2907. Datasheet HTML 6Page - ON Semiconductor MMBT2907. Datasheet HTML 7Page - ON Semiconductor MMBT2907. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2907 / MMBT2907 Rev. 1.1.0
2
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150
°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty cycle operations.
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Notes:
3. PCB size: FR-4 76 x 114 x 1.57 mm3 (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
4. Device mounted on FR-4 PCB 1.6. inch x 1.6 inch x 0.06 inch.
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-40
V
VCBO
Collector-Base Voltage
-60
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current - Continuous
-800
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Parameter
Max.
Unit
PN2907(3)
MMBT2907(4)
PD
Total Device Dissipation
625
350
mW
Derate Above 25
°C5.0
2.8
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com