Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM3L Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PVM3L
Description  Champ® Pro PVM Series LED Luminaires Ideal for general high bay/low bay illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PVM3L Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PVM3L Datasheet HTML 1Page - Eaton All Rights Reserved. PVM3L Datasheet HTML 2Page - Eaton All Rights Reserved. PVM3L Datasheet HTML 3Page - Eaton All Rights Reserved. PVM3L Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.crouse-hinds.com
US: 1-866-764-5454
CAN: 1-800-265-0502
Copyright© 2016 Eaton
957
2L
Champ® Pro PVM Series
LED Luminaires
UL/cUL Listed
Type 4X
IP66
Standard Materials:
The Champ® Pro PVM LED Family:
Applications:
Features:
B
Certifications and
Compliances:
®
C
NEC/CEC:
UL Standards:
CSA Standard:
IEC Standard:
Model
Typical
Lumens
(Type V)
A
Watts
Lumens
per Watt
Equivalent HID
Luminaire
Typical Energy
Savings/
Lifetime
A
B
C
Photometrics:
LED System:
Drivers:
Option
Voltage
Ideal for general high bay/low bay illumination


Similar Part No. - PVM3L

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
PVM302P12 VMI-PVM302P12 Datasheet
180Kb / 2P
3,000V Surface Mount Multiplier
More results

Similar Description - PVM3L

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
DuroSite Series LED High Bay Luminaire
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
SafeSite Series LED High Bay Luminaire
LBW1C1D DIALIGHT-LBW1C1D Datasheet
117Kb / 2P
DuroSite LED Low Bay Fixture
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
SafeSite짰 Series LED High Bay
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
DuroSite짰 Series LED High Bay
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
DuroSite짰 Series LED Low Bay
logo
Cree, Inc
C12345-HB-5X1 CREE-C12345-HB-5X1 Datasheet
295Kb / 5P
High Bay series
C12361-HB-2X2 CREE-C12361-HB-2X2 Datasheet
294Kb / 5P
High Bay series
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
LED High Bay Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com