Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM5L Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # PVM5L
Description  Champ® Pro PVM Series LED Luminaires Ideal for general high bay/low bay illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PVM5L Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  PVM5L Datasheet HTML 1Page - Eaton All Rights Reserved. PVM5L Datasheet HTML 2Page - Eaton All Rights Reserved. PVM5L Datasheet HTML 3Page - Eaton All Rights Reserved. PVM5L Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.crouse-hinds.com
US: 1-866-764-5454
CAN: 1-800-265-0502
Copyright© 2016 Eaton
2L
2L
Dimensions:
Pendant
Ceiling
Trunnion
Wall
Cone Pendant
Stanchion - 25° Angled
Stanchion - Straight
Net Luminaire Weights:
Model
Lbs.
Kg.
Add Mounting Modules:
J
J
Champ® Pro PVM Series
LED Luminaires
UL/cUL Listed
Type 4X
IP66
Ideal for general high bay/low bay illumination



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com