Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM7L Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # PVM7L
Description  Champ® Pro PVM Series LED Luminaires Ideal for general high bay/low bay illumination
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PVM7L Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  PVM7L Datasheet HTML 1Page - Eaton All Rights Reserved. PVM7L Datasheet HTML 2Page - Eaton All Rights Reserved. PVM7L Datasheet HTML 3Page - Eaton All Rights Reserved. PVM7L Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.crouse-hinds.com
US: 1-866-764-5454
CAN: 1-800-265-0502
Copyright© 2016 Eaton
959
2L
Color Temperature
BLANK
Cool (5000K) or Colored
W
Warm (3000K)
Guard
BLANK
No Guard
G
P3001 Wire Guard
Voltage
/UNV1
120-277 VAC, 50/60 Hz;
108-250 VDC, 50/60 Hz
/UNV34
347-480 VAC, 50/60 Hz
Part number example
PVM17LW2AR1G/UNV1 S890
* Order with ceiling mount only.
Options
S812
H
Trunnion Mount Kit with Pin
S831
Safety Cable
S890
Quick Clip
S891
Diffused Lens
S892
I
Redundant Driver
S896
Teflon® Coated Lens
S903
Polycarbonate Lens
TB6
Six-pole Terminal Block
Mounting style
BLANK
No Cover
J
G
1-½” Stanchion, 25° Angled
P
1-½” Stanchion, Straight
2A
¾” Pendant
3A
1” Pendant
20A
20mm Pendant
25A
25mm Pendant
2B
¾” Cone Pendant
3B
1” Cone Pendant
2C
¾” Ceiling
3C
1” Ceiling
20C
20mm Ceiling
25C
25mm Ceiling
2HA
¾” Flexible Pendant
2TW
¾” Wall
3TW
1” Wall
20TW
20mm Wall
25TW
25mm Wall
Optics
BLANK
Type V Optic Standard (All Mounts)
R1
Type I Optic (All Mounts Minus Ceiling)
R1A
G
Type I Optic (Ceiling with Conduit 45° Counterclockwise or 135° Clockwise from Hinge)
R1B
G
Type I Optic (Ceiling with Conduit 45° Clockwise or 135° Counterclockwise from Hinge)
R3
Type III Optic (All Mounts Minus Ceiling)
R3AP
G
Type III Optic (Select when using Appleton® Top Hat Adapter with Champ Fixture)
R3A1
G
Type III Optic (Ceiling with Conduit 45° Counterclockwise from Top Hat Hinge)
R3A2
G
Type III Optic (Ceiling with Conduit 135° Clockwise from Top Hat Hinge)
R3B1
G
Type III Optic (Ceiling with Conduit 45° Clockwise from Top Hat Hinge)
R3B2
G
Type III Optic (Ceiling with Conduit 135° Counterclockwise from Top Hat Hinge)
Lamp/Function
3L
3,531 Lumen LED
5L
5,335 Lumen LED
7L
7,195 Lumen LED
9L
9,226 Lumen LED
11L
11,440 Lumen LED
13L
13,226 Lumen LED
17L
18,793 Lumen LED
21L
22,110 Lumen LED
25L
26,531 Lumen LED
RL
F
Red (3,200 Lumen LED)
GL
F
Green (4,300 Lumen LED)
BL
F
Blue (2,100 Lumen LED)
AL
F
Amber (5,000 Lumen LED)
Catalog Numbering System:
F
G
H
I
®
Champ® Pro PVM Series
LED Luminaires
UL/cUL Listed
Type 4X
IP66
Ideal for general high bay/low bay illumination
Accessories (Ordered Separately):
Cat. #
D2S20
D2S208 277
VMVL S812 K1
H
Description



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com