Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-312-LAB Datasheet(PDF) 2 Page - Cinch Connectivity Solutions, Inc.

Part # P-312-LAB
Description  [.050” (1.27mm) Density Solder Cup/Wire D-Microminiature] Multiple Density Solder Eyelet With Angle Bracket/Less Angle Bracket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCH [Cinch Connectivity Solutions, Inc.]
Direct Link  https://www.cinch.com/
Logo CINCH - Cinch Connectivity Solutions, Inc.

P-312-LAB Datasheet(HTML) 2 Page - Cinch Connectivity Solutions, Inc.

  P-312-LAB Datasheet HTML 1Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 2Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 3Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 4Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 5Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 6Page - Cinch Connectivity Solutions, Inc. P-312-LAB Datasheet HTML 7Page - Cinch Connectivity Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2-43
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
2
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
Shallow Bracket
300 Series with Shallow Bracket (SB)
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
15
P-315-SB
S-315-SB
18
P-318-SB
S-318-SB
21
P-321-SB
S-321-SB
24
P-324-SB
S-324-SB
27
P-327-SB
S-327-SB
30
P-330-SB
S-330-SB
33
P-333-SB
S-333-SB
NOTE: Not available in contact sizes 2-12.
Dimensions
X = length of plug contacts. This dimension
does not apply to sockets.
Y = length of plug or socket tails.
No. of
A
M
L
Polarizing
±.031 (.79mm)
±.031 (.79mm)
±.063 (1.59mm)
Polarizing
Contacts
in
mm
in
mm
in
mm
Pin
15
1.688
42.86
2.125
53.98
2.547
64.69
NO
18
2.000
50.80
2.438
61.93
2.859
72.62
NO
21
2.313
58.75
2.750
69.85
3.172
80.57
NO
24
2.625
66.68
2.063
52.40
3.484
88.49
14
27
2.938
74.63
3.375
85.73
3.797
96.44
14
30
3.250
82.55
3.688
93.68
4.109
104.38
14
33
3.563
90.50
4.000
101.60
4.422
112.32
17
AB
C
Reference
in
mm
in
mm
in
mm
315-SB
1.750
44.45
1.156
29.36
2.125
53.98
318-SB
2.063
52.40
1.156
29.36
2.438
61.93
321-SB
2.375
60.33
1.156
29.36
2.750
69.85
324-SB
2.688
68.28
1.156
29.36
3.062
77.77
327-SB
3.000
76.20
1.156
29.36
3.376
85.75
330-SB
3.313
84.15
1.156
29.36
3.688
93.68
333-SB
3.625
92.08
1.156
29.36
4.000
101.60
Panel Cutout Dimensions
Marketed exclusively through distribution.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com