Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN73 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # RN73
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RN73 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button RN73 Datasheet HTML 4Page - TE Connectivity Ltd RN73 Datasheet HTML 5Page - TE Connectivity Ltd RN73 Datasheet HTML 6Page - TE Connectivity Ltd RN73 Datasheet HTML 7Page - TE Connectivity Ltd RN73 Datasheet HTML 8Page - TE Connectivity Ltd RN73 Datasheet HTML 9Page - TE Connectivity Ltd RN73 Datasheet HTML 10Page - TE Connectivity Ltd RN73 Datasheet HTML 11Page - TE Connectivity Ltd RN73 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Product Type
Economy
Rheostats
RW
BFA
Features
40mm Enclosed Body
Wirewound Variable Load
Wirewound Element
Up to 811W Dissipation
10R to 100K Value Range
Current up to 10 Amps
1W (RW1), 3W (RW3) Dissipation
5 Case Sizes
Linear Laws Only
Operates up to 400°C
Excellent Linearity
Protective Case
Product Type
Professional
Professional
Professional
Professional
Professional
CS9
TW
5930 / 5940
LC
MC
Features
9mm Square Body
265° Travel
10 Turn Multiturn
13mm Round Body
19mm Round Body
Polymer Element
Wirewound Element
Wirewound Element
Cermet Element
Cermet Element
5K to 250K Value Range
5R to 22K Value Range
200R to 100K Value Range
100R to 2M2 Value Range
100R to 2M2 Value Range
0.05W Dissipation
1 Watt @ 40°C
2W Dissipation
1W Dissipation
2W Dissipation
Linear or Logarithmic Laws
TCR - 100 ppm
<0.25% Linearity
O-ring Spindle Sealed
O-ring Spindle Sealed
Multigangs, Switches Available
5000 Operations
Range of Dials Available
25,000 Operations minimum
25,000 Operations minimum
Passive Components
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
8
Resistive Products, Potentiometers - Leaded
Product Type
Economy
Economy
Economy
Economy
Economy
PC610
31 / 23
51 / 54 / 56
17P
CP16
Features
9mm Square Pluggable
20mm/16mm Round Body
16mm Package
16mm Square all Plastic Body
16mm Square Package
Polymer Element
Printed Carbon Element
Polymer Element
Polymer Thick Film Element
Polymer Thick Film Element
500R to 500K Value Range
1K to 1M Value Range (Linear)
470R to 2M2 Value Range
1K to 1M Value Range (Lin)
100R to 4M7 Value Range
0.05W Dissipation
0.25W Log/0.4W Lin Dissipation
0.25W Dissipation
0.25W Dissipation
0.1W Log/0.2W Lin Dissipation
Non Linear Laws Available
Non Linear Laws Available
Non Linear Laws Available
Non Linear Laws Available
Non Linear Laws Available
10,000 Operations minimum
Dual Gang & Switched Styles
Switched Version
Multigangs, Switches Available
Switches Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com