Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1117 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM1117
Description  800 mA Low-Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM1117 Datasheet(HTML) 4 Page - ON Semiconductor

  LM1117 Datasheet HTML 1Page - ON Semiconductor LM1117 Datasheet HTML 2Page - ON Semiconductor LM1117 Datasheet HTML 3Page - ON Semiconductor LM1117 Datasheet HTML 4Page - ON Semiconductor LM1117 Datasheet HTML 5Page - ON Semiconductor LM1117 Datasheet HTML 6Page - ON Semiconductor LM1117 Datasheet HTML 7Page - ON Semiconductor LM1117 Datasheet HTML 8Page - ON Semiconductor LM1117 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LM1117, LM1117I
www.onsemi.com
4
TA, AMBIENT TEMPERATURE (°C)
Iout = 10 mA
0
20
40
60
80
100
Figure 4. Output Voltage Change
vs. Temperature
Figure 5. Dropout Voltage
vs. Output Current
Figure 6. Output Short Circuit Current
vs. Differential Voltage
Figure 7. Output Short Circuit Current
vs. Temperature
Figure 8. Adjust Pin Current
vs. Temperature
Figure 9. Quiescent Current Change
vs. Temperature
0
0.5
1.0
1.5
2.0
0
2
4
6
8
101214
16
18
20
Load pulsed at 1.0% duty cycle
Vin − Vout, VOLTAGE DIFFERENTIAL (V)
TJ = 25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
200
400
600
800
1000
Load pulsed at 1.0% duty cycle
Iout, OUTPUT CURRENT (mA)
TJ = −40°C
TJ = 25°C
TJ = 125°C
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
−50
−25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Vin = Vout + 3.0 V
Iout = 10 mA
Adj, 1.5 V,
1.8 V, 2.0 V,
2.5 V
2.85 V, 3.3 V,
5.0 V, 12.0 V
1.0
1.2
1.4
1.6
1.8
2.0
−50
−25
0
25
50
75
100
125
150
−20
−15
−10
−5.0
0
5.0
10
−50
−25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Vin = 5.0 V
Load pulsed at 1.0% duty cycle
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com