Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2191TMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH2191TMX/NOPB
Description  LMH2191 Dual Channel 52 MHz Clock Tree Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH2191TMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH2191TMX/NOPB Datasheet HTML 14Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 15Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 16Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 17Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 18Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 19Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 20Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 21Page - Texas Instruments LMH2191TMX/NOPB Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.4) TYP
(0.4) TYP
8X (
0.25)
(R0.05) TYP
4215093/B 04/2022
DSBGA - 0.675 mm max height
YFX0008
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
1
2
C
A
B
D
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE: 50X
METAL
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com