Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB.A Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP7721MA/NOPB.A
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB.A Datasheet(HTML) 4 Page - Texas Instruments

  LMP7721MA/NOPB.A Datasheet HTML 1Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 2Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 3Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 4Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 5Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 6Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN Differential
–0.3
0.3
V
Supply Voltage (VS = V
+ – V−) (3)
–0.3
6.0
V
Voltage on Input/Output Pins
V+ + 0.3
V−
− 0.3
V
Junction Temperature (4)
150
°C
Soldering Information
Infrared or Convection (20 sec)
235
°C
Wave Soldering Lead Temp. (10 sec)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
Absolute Maximum Ratings(1)(2) indicate limits beyond which damage to the device may occur. Recommended Operating Conditions
indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications
and the test conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The voltage on any pin should not exceed 6V relative to any other pins.
(4)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly onto a PC Board.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±200
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature Range(1)
–40
125
°C
Supply Voltage (VS = V
+ – V−):
0°C
≤ TA ≤ 125°C
1.8
5.5
V
−40°C ≤ TA ≤ 125°C
2.0
5.5
V
(1)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly onto a PC Board.
6.4 Thermal Information
LMP7721
THERMAL METRIC(1)
D
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
190
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com