Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV232
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV232 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV232 Datasheet HTML 6Page - Texas Instruments LMV232 Datasheet HTML 7Page - Texas Instruments LMV232 Datasheet HTML 8Page - Texas Instruments LMV232 Datasheet HTML 9Page - Texas Instruments LMV232 Datasheet HTML 10Page - Texas Instruments LMV232 Datasheet HTML 11Page - Texas Instruments LMV232 Datasheet HTML 12Page - Texas Instruments LMV232 Datasheet HTML 13Page - Texas Instruments LMV232 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LMV232
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Figure 23. Input referred Error vs. RF Input Power
Analyzing Figure 23 shows that three sections can be distinguished:
•
At higher power levels the error increases.
•
A middle section where the error is constant and relatively small.
•
At lower power levels the error increases again.
These three sections are leading back to three error mechanisms. At higher power levels the detectors output
starts to saturate because the output voltage approaches the maximum signal swing that the detector can
handle. The maximum output voltage of the device thus limits the upper end of the detection range. Also the
maximum allowed ADC voltage of the baseband chip can limit the detection range at higher power levels. By
adjusting the feedback resistor RFB of Figure 21 the upper end of the range can be shifted. This is valid until the
detector cell inside the LMV232 is the limiting factor.
The middle section of the error curve shows a small error variation. This is the section where the detector is used
and is called the detection range of the detector. This range is limited on both sides by a maximum allowed error.
For low input power levels, the variation of output voltage is very small. Therefore the measurement resolution
ADC is important in order to measure those small variations. Offsets and temperature variation impact the
accuracy at low power levels as well.
DETECTION ERROR OVER TEMPERATURE
Like any power detector device, the output signal of the LMV232 mean square power detector shows some
residual variation over temperature that limits it's dynamic range. The variation determines the accuracy and
range of input power levels for which the detector produces an accurate output signal.
The error over temperature is mainly caused by the variation of the pedestal voltage. Besides this, a minimal
error contribution leads back to the conversion gain variation of the detector. This conversion gain error is visible
in the mid-power range, where the temperature error curves of Figure 23 run parallel to each other. Since the
conversion gain variation is acceptable, the focus will be on the pedestal voltage variation over temperature.
The pedestal voltage at 25°C is subtracted from the output voltage of each curve. Variations of the pedestal
voltage over temperature are thus included in the error.
The pedestal voltage variation itself consists of 2 error sources. One is the variation of the reference voltage
VREF. The other is an offset current IOS that is generated inside the detector. This is depicted in Figure 24.
Depending on the measurement strategy one or both error sources can be eliminated.
The error sources of the pedestal voltage can be shown in a formula for VOUT:
VOUT = VREF + (IOS + IDET) * RFB
Where IDET represents the intended detector output signal. In the absence of RF input power IDET equals zero.
The formula for the pedestal voltage can therefore be written as:
VPEDESTAL = VREF + IOS * RFB
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com