Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV232TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV232TL/NOPB
Description  LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV232TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV232TL/NOPB Datasheet HTML 1Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 2Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 3Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 4Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 5Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 6Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 7Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 8Page - Texas Instruments LMV232TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LMV232
www.ti.com
SNWS017C – DECEMBER 2004 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VDD = 2.7V, TJ = 25°C, R1 = 6.2 kΩ and C1 = 1.5 nF (See typical application).
Supply Current
VOUT - VPEDESTAL
vs.
vs.
Supply Voltage
RF Input Power
Figure 3.
Figure 4.
VOUT - VPEDESTAL
Input Referred Error
vs.
vs.
RF Input Power @ 900 MHz
RF Input Power @ 900 MHz
Figure 5.
Figure 6.
VOUT - VPEDESTAL
Input Referred Error
vs.
vs.
RF Input Power @ 1800 MHz
RF Input Power @ 1800 MHz
Figure 7.
Figure 8.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com