Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT174 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT174 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT174 Datasheet HTML 1Page - STMicroelectronics 74ACT174 Datasheet HTML 2Page - STMicroelectronics 74ACT174 Datasheet HTML 3Page - STMicroelectronics 74ACT174 Datasheet HTML 4Page - STMicroelectronics 74ACT174 Datasheet HTML 5Page - STMicroelectronics 74ACT174 Datasheet HTML 6Page - STMicroelectronics 74ACT174 Datasheet HTML 7Page - STMicroelectronics 74ACT174 Datasheet HTML 8Page - STMicroelectronics 74ACT174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74ACT174
HEX D-TYPE FLIP FLOP WITH CLEAR
PRELIMINARY DATA
May 1997
s
HIGH SPEED:
fMAX = 200 MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 174
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The ACT174 is an high-speed CMOS HEX
D-TYPE FLIP FLOP WITH CLEAR fabricated
with sub-micron silicon gate and double-layer
metal wiring C
2MOS technology. It is ideal for low
power
applications
mantaining
high
speed
operation similar to eqivalent Bipolar Schottky
TTL.
Information signals applied to D inputs are
transfered to the Q output on the positive going
edge of the clock pulse.
When the CLEAR input is held low, the Q outputs
are held low independentelyof the other inputs .
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
M
(Micro Package)
B
(Plastic Package)
ORDER CODES :
74ACT174B
74ACT174M
1/10


Similar Part No. - 74ACT174

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT174 ONSEMI-74ACT174 Datasheet
225Kb / 9P
Hex D Flip?묯lop with Master Reset
June, 2006 ??Rev. 7
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
253Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
74ACT174B STMICROELECTRONICS-74ACT174B Datasheet
253Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
74ACT174M STMICROELECTRONICS-74ACT174M Datasheet
253Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Fairchild Semiconductor
74ACT174MTC FAIRCHILD-74ACT174MTC Datasheet
99Kb / 9P
Hex D-Type Flip-Flop with Master Reset
More results

Similar Description - 74ACT174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com