Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3101F-WH Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3101F-WH
Description  EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3101F-WH Datasheet(HTML) 1 Page - TT Electronics.

  SW3101F-WH Datasheet HTML 1Page - TT Electronics. SW3101F-WH Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 12VDC 60WATT
POWERPAX: SW3101F-WH
© TT Electronics plc
ISS.3 17/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C8 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
Description:
Our Range of 60 Watt AC/DC switch mode power supplies provide 60 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW3101F-C2
Input Voltage Range
90 → 264 V ac
Input Frequency Range
47 → 63Hz
Input Connector
IEC 320-C8
Input Current Rated
≤55mAmA Rms Max
Inrush Current
NO Damage
<0.25mA.
Efficiency
89%
Input Power(Output: No Load)
<0.1W (CEC & DOE LEVEL VI Compliant)
Output Voltage Rating
12 V dc
Output Current Range
5.0A
Output Min Current
0.05A
Output Connection Type
2.1 x 5.5 x 12 mm Centre Positive - Straight
Line and Load Regulation
+/-5%
Over Voltage Protection
The output voltage shall be clamped by internal protection.
Over Load Protection
Meet FCC Class B, CE
Short Circuit Protection
Output shut down auto recover
Ripple Voltage
150 mV (p-p) (100V-240V AC Input )
Hi-Pot
3000Vac or 4242VDC 10mA 1 min
Safety Approved
UL,CUL,GS,CE
EMI Standard
<6.6A output load
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Dimensions
(L) 125 x (W) 57 x (H) 34.7mm
Product Weight
300 g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3101F-WH

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3101F-C2 TTELEC-SW3101F-C2 Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
22/05/2020
More results

Similar Description - SW3101F-WH

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CINCON ELECTRONICS Corp...
LDP60 CINCON-LDP60 Datasheet
294Kb / 3P
60WATT OUTPUT LED POWER SUPPLY
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com