Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3634 Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3634
Description  EXTERNAL DSEKTOP POWER SUPPLY 48VDC 120WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3634 Datasheet(HTML) 1 Page - TT Electronics.

  SW3634 Datasheet HTML 1Page - TT Electronics. SW3634 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW3634
© TT Electronics plc
ISS.3 01/10/2021 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our range of 120 watt AC/DC switch mode power supplies provide 120 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW3634
Input Voltage Range
100 → 240 V ac
Input Frequency Range
47 → 63Hz
Input Connector
IEC 320-C14
Input Current Rated
1.6A Max.
Inrush Current
80A Max. at 230Vac cold start
<3.5mA
Efficiency
87% Min
Input Power (Output: No Load)
<0.5W (CEC & DOE LEVEL VI Compliant)
Output Voltage Rating
48 Vdc
Output Current Range
2.5A Max.
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm Centre Positive – straight
Line and Load Regulation
+/-5%
Over Voltage Protection
V out 150% Max.
Over Load Protection
I out 150% Max.
Short Circuit Protection
Automatic recovery after short circuit fault being removed
Ripple Voltage
300mV (p-p) (100V-240V AC Input )
Hi-Pot
1500Vac or 2121VDC 10mA 1 min
Safety Approved
CUL/UL/EN/GS/BSMI/PSE/(UKCA pending)
EMI Standard
FCC Class B, CE
Operating Temperature Range
0°C → +40 °C
Storage Temperature
-10°C to 80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
(L) 168 x (W) 66 x (H) 39 mm
Product Weight
570 g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3634

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3673B TTELEC-SW3673B Datasheet
271Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 18VDC 65WATT
01/10/2021
More results

Similar Description - SW3634

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
Level One
POW-4810 LVL1-POW-4810 Datasheet
316Kb / 1P
40W 48VDC Industrial Power Supply, PoE Ready DIN-rail -10 to 60C
POW-4840 LVL1-POW-4840 Datasheet
318Kb / 1P
120W 48VDC Industrial Power Supply,
POW-4860 LVL1-POW-4860 Datasheet
328Kb / 1P
480W 48VDC Industrial Power Supply, PoE Ready DIN-rail -10 to 60C
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com