Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4016-F Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4016-F
Description  INTERCHANGEABLE WALL PLUG POWER SUPPLY 12VDC 30WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4016-F Datasheet(HTML) 1 Page - TT Electronics.

  SW4016-F Datasheet HTML 1Page - TT Electronics. SW4016-F Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW4016-F
© TT Electronics plc
ISS.3 27/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Interchangeable AC Heads
•
1 Year Warranty
•
Level VI Efficiency
•
Worldwide Approvals
Description:
Our range of 30 Watt Interchangeable wall plug power supplies provide 30 watts of continuous power with the flexibility
of worldwide usage as they are supplied with UK, Euro, USA & Auz AC Heads , all Efficiency Level VI and carry worldwide
safety approvals.
Specification
Part Code
SW4016-F
Input Voltage Range
90-264 Vac
Input Frequency Range
50/60Hz +/-3Hz
Input Current Rated
1.0A max.
Input AC Heads
UK, Euro, USA & Auz
Output Voltage Rating
+12V
Output Current Range
2.5A
Output Min Current
0.0A
Output Connection Type
2.1x5.5x12mm centre positive – Right angle
Line and Load Regulation
+/- 5%
Ripple & Noise
200mVp-p
Efficiency
86.95% Min
Over Voltage Protection
The output voltage shall be clamped by internal protection.
Short-Circuit Protection
No Damage
Over Current Protection
The power supply will be protection when output power at 110-
250% of all rated dc output.
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +85°C
Operating Humidity
10% to 95%
Storage Humidity
10% to 95%
Hi-Pot
3000VAC 10mA 1min
Leakage Current
0.25mA max
Safety Standard
TUV, CE, UK, SAA, UL, CSA, CCC
EMC Standard
FCC part 15: Class B
EN55022:2010, Class B
EN 55024:2010
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
MTBF
50K Hours
Size mm max.
97.5 (L) x 47 (W) x 42.9 (H)
Weight
173 g


Similar Part No. - SW4016-F

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
logo
TT Electronics.
SW4010G TTELEC-SW4010G Datasheet
410Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT
12/12/2022
logo
BOWEI Integrated Circui...
SW401B BOWEI-SW401B Datasheet
252Kb / 1P
4-SPST Switches
More results

Similar Description - SW4016-F

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com