Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  M68HC08 Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 172 page
background image
Monitor ROM (MON)
MC68HC908JL3E Family Data Sheet, Rev. 3
76
Freescale Semiconductor
Figure 7-1. Monitor Mode Circuit
NOTES:
1. Monitor mode entry method:
SW1: Position A — High voltage entry (VTST)
Clock source must be EXT OSC or XTAL CIRCUIT.
Bus clock depends on SW2.
SW1: Position B — Reset vector must be blank ($FFFE = $FFFF = $FF)
Bus clock = OSC1 ÷ 4.
2. Affects high voltage entry to monitor mode only (SW1 at position A):
SW2: Position C — Bus clock = OSC1 ÷ 4
SW2: Position D — Bus clock = OSC1 ÷ 2
5. See Table 16-4 for VDD + VHI voltage level requirements.
RST
IRQ
OSC1
OSC2
VSS
PTB0
20 pF
20 pF
0.1
µF
9.8304MHz
PTB1
VDD
0.1
µF
VDD
PTB2
VDD
10 k
PTB3
VDD
10 k
10 k
SW2
C
D
VDD
(SEE NOTE 2)
A
B
XTAL CIRCUIT
16
15
2
6
VDD
MAX232
V+
V–
VDD
10 k
C1+
C1–
5
4
C2+
C2–
+
3
1
1
µF
+
+
+
8
7
DB9
2
3
5
10
9
+
1
2
3
4
5
6
74HC125
74HC125
1 k
VDD + VHI
VCC
GND
1
µF
1
µF
1
µF
1
µF
8.5 V
VDD
10 k
10 k
(50% DUTY)
OSC1
(SEE NOTE 1)
SW1
VDD
OSC1
OSC2
See Figure 16-1 for component
values vs. frequency.
H(R)C908JL3E
H(R)C908JK3E
H(R)C908JK1E
EXT OSC
OSC2
RC CIRCUIT
FOR MC68HC908JL3E/JK3E/JK1E
SW1 AT POSITION A OR B
FOR MC68HRC908JL3E/JK3E/JK1E
SW1 MUST BE AT POSITION A
FOR MC68HC908JL3E/JK3E/JK1E
SW1 AT POSITION A OR B
FOR MC68HRC908JL3E/JK3E/JK1E
SW1 MUST BE AT POSITION B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com