Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSFP Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # QSFP
Description  ExpressPort® QSFP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

QSFP Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  QSFP Datasheet HTML 1Page - Amphenol Communications Solutions QSFP Datasheet HTML 2Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
ExpressPort® QSFP+
Option 1
10
TBD
Style
R38 38 Position (QSFP 10G, ExpressPort® QSFP+ 12G+ & 16G)
FS1
R38
X
0
XX
XX
Special - QSFP+ (16 Gbps)
00
No Resonance Dampening, No Hold
Down Tabs
01
No Resonance Dampening, Hold
Down Tabs
Special - QSFP+ (16 Gbps)
10
Resonance Dampening, No Hold
Down Tabs
11
Resonance Dampening, Hold Down
Tabs
Option 2
10
QSFP Connector
11
QSFP+ Connector
Plating Option
2
30 μ” (0.76 μm) Gold Plating on Mating Area; Matte Tin Plating on Termination
3
15 μ” (0.38 μm) Gold Plating on Mating Area; Matte Tin Plating on Termination
Number of Ports in row
1
2x1
2
2x2
3
2x3
Style
B
Standard
ExpressPort® QSFP+ (Connector)
ExpressPort® Stacked QSFP+
Connector Footprint
0
Standard
Dust Cover Option
0
Without Dust Cover
D
With Dust Cover
Packaging
1
Tray
Light Pipe Option
6
Light Pipes (Triangular Outlet); Left Arrow Pointing Bottom Outlet
& Right Arrow Pointing Top Port
7
Without Light Pipes
8
With Light Pipes; Left Arrow Pointing Top Port & Right Arrow
Pointing Bottom Port
EMI Gasket Option
1
Chomerics 1273 Conductive Elastomer
12
Chomerics S6305 Conductive Elastomer
Cage & Connector Contact Plating
4
30 μ” (0.76 μm) Gold Over 50 μ” (1.27
μm) to 150 μ” (3.81 μm) of Nickel; 15
μ” (0.38 μm) to 60 μ” (1.52 μm) of
Matte Tin
Heat Sink Option ( No light pipe available)
0
No Heat Sink Option
Application
5
Options Available - Consult Factory
Vent Holes
0
Large Vent Holes & EMI Cover
2
Small Vent Holes & EMI Cover
4
Rectangular Vent Holes & EMI Cover
ExpressPort® QSFP+ Cages
Packaging
1
Tray (Shipped Unassembled for Single Port)
T
Tape & Reel (1X1 Only)
A
Tray Heat Sink & Clip or Light Pipe Shipped
Assembled
Dust Cover Option
0
Without Dust Cover
D
With Dust Cover (Shipped Loose)
Heat Sink Option
D
Pin-Fin Style(Black Anodized) Heat Sink & Clip (H = 6.5 mm)
E
Pin-Fin Style(Black Anodized) Heat Sink & Clip (H = 4.2 mm)
F
Pin-Fin Style(Black Anodized) Heat Sink & Clip (H = 13.5 mm)
N
Pin-Fin Style(Nickel Plated) Heat Sink & Clip (H = 6.5 mm)
P
Pin-Fin Style(Nickel Plated) Heat Sink & Clip (H = 4.2 mm)
R
Pin-Fin Style(Nickel Plated) Heat Sink & Clip (H = 13.5 mm)
Light Pipe Option
0
Without Light Pipe
1
Round 1.4mm Outlet Light Pipe
3
Square 2.6x2.6mm Outlet Light Pipe, No EMI Gasket
U90
X
X
X
1
1
X
X
X
Style
A
One Row Cage 0°, Through the Bezel (No Light Pipe)
C
One Row Cage 1°, Through the Bezel (1X1 Only No Light Pipe)
D
One Row Cage 0°, Hybrid with Elastomeric Gasket
G
One Row Cage 0°, Behind the Bezel
H
One Row Cage 0°, Through the Bezel with Optional Light Pipe
K
One Row Cage 0°, Through the Bezel with No Heat Sink Opening
L
One Row Cage 0°, No Pins on Back Wall
P
One Row Cage 0°, Behind the Bezel with Low Profile Heat Sink
and Clip
R
One Row Cage 0°, Through the Bezel with Low Profile Heat Sink
T
One Row Cage 0°, Through the Bezel with Low Profile Heat Sink
and Clip with Optional Light Pipe
W
One Row Cage 1°, Through the Bezel with No Rear Pin (1X1 Only No
Light Pipe)
U90
B
X
0
5
4
X
X
1
X
X 0
Plating
1
Nickel
Application
1
Press-Fit Pins (2.5mm Long)
Heat Sink Option
1
No Heat Sink or Clip Shipped
2
Fin Style(Black Anodized) Heat Sink & Clip (H = 6.5 mm)
3
Fin Style(Black Anodized) Heat Sink & Clip (H = 4.2 mm)
4
Fin Style(Black Anodized) Heat Sink & Clip (H = 13.5 mm)
5
Pin Style(Nickel Plated) Heat Sink & Clip (H = 6.5 mm)
6
Pin Style(Nickel Plated) Heat Sink & Clip (H = 4.2 mm)
7
Pin Style(Nickel Plated) Heat Sink & Clip (H = 13.5 mm)
Number of Ports in row
1
1X1
2
1X2
3
1X3
4
1X4
6
1X6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com