Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3470A Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3470A
Description  LP3470A Ultra Low Power Voltage Supervisor With Programmable Delay and 1% Reset Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3470A Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3470A Datasheet HTML 8Page - Texas Instruments LP3470A Datasheet HTML 9Page - Texas Instruments LP3470A Datasheet HTML 10Page - Texas Instruments LP3470A Datasheet HTML 11Page - Texas Instruments LP3470A Datasheet HTML 12Page - Texas Instruments LP3470A Datasheet HTML 13Page - Texas Instruments LP3470A Datasheet HTML 14Page - Texas Instruments LP3470A Datasheet HTML 15Page - Texas Instruments LP3470A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LP3470A
VCC
GND
RESET
Microcontroller
VCC
RESET
LDO
IN
OUT
SRT
VCC1
12
LP3470A
SNVSBF5C – JULY 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: LP3470A
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP3470A is a micropower CMOS voltage supervisor that is ideal for use in battery-powered microprocessor
and other digital systems. It is small in size and provides voltage monitoring and supervisory functions with nano-
Iq and programmable delay, making it a good solution in a variety of applications. The LP3470A is available in
six standard reset threshold voltage options, and the reset time-out period is adjustable using an external
capacitor providing maximum flexibility in any application. This device can ensure system reliability and ensures
that a connected microprocessor will operate only when a minimum voltage supply is satisfied.
9.2 Typical Application
The LP3470A can be used as a simple supervisor circuit to monitor the input supply to a microprocessor as
shown in Figure 11.
Figure 11. Power-On Reset Circuit
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input supply voltage
0.95 to 10 V
Reset threshold voltage
2.63 V, 2.75 V, 2.93 V, 3.08 V, 3.65 V, 4 V, 4.38 V, 4.63 V
External pullup resistor
0.68 to 68 k
Ω
External reset time-out period capacitor
CSRT = 1 nF
Reset time-out period
619 µs
9.2.2 Detailed Design Procedure
The minimum application circuit requires the LP3470A Power-On Reset Circuit IC and a pullup resistor
connecting the reset pin to VCC. The reset delay can be programmed with an additional capacitor connected
from the SRT pin to GND. See RESET Time-Out Period and Pull-up Resistor Selection for information on
choosing specific values for components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com