Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3893 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3893
Description  LP3893 3A Fast-Response Ultra Low Dropout Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3893 Datasheet(HTML) 4 Page - Texas Instruments

  LP3893 Datasheet HTML 1Page - Texas Instruments LP3893 Datasheet HTML 2Page - Texas Instruments LP3893 Datasheet HTML 3Page - Texas Instruments LP3893 Datasheet HTML 4Page - Texas Instruments LP3893 Datasheet HTML 5Page - Texas Instruments LP3893 Datasheet HTML 6Page - Texas Instruments LP3893 Datasheet HTML 7Page - Texas Instruments LP3893 Datasheet HTML 8Page - Texas Instruments LP3893 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LP3893
SNVS237B – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: Tj = 25°C, COUT = 10 µF, Cin = 10 µF, S/D pin is tied to VBIAS, VIN = 2.2V, VOUT = 1.8V.
IGND vs VSD
VOUT vs Temperature
Figure 3.
Figure 4.
DC Load Regulation
Line Regulation vs VIN
Figure 5.
Figure 6.
Line Regulation vs VBIAS
IBIAS vs IL
Figure 7.
Figure 8.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3893



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com