Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LP3923TL/NOPB
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923TL/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3923TL/NOPB Datasheet HTML 18Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 19Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 20Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3923TL/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ISAT = IOUTMAX + IRIPPLE
VOUT
VIN
©
§
VIN - VOUT
2 x L
©
§
x
ISAT = IOUTMAX +
x
1
f
©
§
VOUT = VFB x
RFB1
RFB2
1+
©
§
C1
RFB1
RFB2
COUT
10 µF
2.2 µH
L1
SW
FB
LP3923
VOUT
C2
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
Buck Converter Application Information
BUCK OUTPUT VOLTAGE SELECTION
Buck output voltage can be programmed via the selection of the external feedback resistor network forming the
output feedback between the output voltage side of the inductor and the FB pin and the FB pin and GND.
Figure 5. Buck Converter Components
VOUT will be adjusted to make the voltage at FB equal to 0.5V. The resistor from FB to ground (RFB2) should be
around 200 k
Ω to keep the current drawn through the resistor network to a minimum but large enough that it is
not susceptible to noise. If R2 is 200 k
Ω and with VFB at 0.5V, the current through the resistor feedback network
will be 2.5 µA.
The formula for output voltage selection is
(2)
VOUT - output voltage (V)
VFB
- feedback voltage (0.5V)
RFB1 - feedback resistor from VOUT to FB
RFB2 - feedback resistor from FB to GND
The recommended value for C1 is 2.2 pF to 5.1 pF, and for C2 is 15 pF.
Table 15. Component Configurations for Various Output Voltage Values
VOUT [V]
RFB1 [kΩ]
RFB2 [kΩ]
C1 [pF]
C2 [pF]
L [µH]
COUT [µF]
1.4
360
200
2.2 to 5.1
15
2.2
10
1.6
390
178
2.2 to 5.1
15
2.2
10
1.8
390
150
2.2 to 5.1
15
2.2
10
2.0
453
150
2.2 to 5.1
15
2.2
10
INDUCTOR SELECTION
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Different saturation current rating
specs are followed by different manufacturers so attention must be given to details. Saturation current ratings are
typically given at 25°C so ratings at the application maximum ambient temperature should be requested from the
manufacturer.
There are two methods to choose the inductor saturation current rating.
Method 1
The total current is the sum of the load and the inductor ripple current. This can be written as:
(3)
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com