Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TLX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LP3923TLX/NOPB
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923TLX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3923TLX/NOPB Datasheet HTML 20Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 21Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 22Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP3923TLX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
VPP-RMS =
VPP-C
2 + V
PP-ESR
2
V
PP-C
=
f x 8 x C
IPP
LP3923
SNVS567B – APRIL 2010 – REVISED MAY 2013
www.ti.com
The output filter capacitor smooths out current flow from the inductor to the load, helps maintain a steady output
voltage during transient load changes and reduces output voltage ripple. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR to perform these functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and also due to its
ESR. It can be calculated as:
Voltage peak to peak ripple due to capacitance =
(7)
Voltage peak to peak ripple due to ESR =
VPP-ESR = IPP*RESR
(8)
Voltage peak to peak ripple, root mean squared =
(9)
Note that the output ripple is dependent on the inductor current ripple and the equivalent series resistance of the
output capacitor (RESR). Because these two components are out of phase the rms value is used. The RESR is
frequency dependent (as well as temperature dependent); make sure the frequency of the RESR given is the
same order of magnitude as the switching frequency.
Table 17. Suggested Capacitors And Their Suppliers
Model
Type
Vendor
Voltage Rating
Case Size
10 µF (CIN and COUT)
GRM21BR60J106k
Ceramic, X5R
MURATA
6.3V
0805
JMK212BJ106K
Ceramic, X5R
TAIYO YUDEN
6.3V
0805
C2012X5R0J106K
Ceramic, X5R
TDK
6.3V
0805
LDO Information
OPERATIONAL INFORMATION
The LP3923 has eight LDOs of which 4 are enabled by default and powered up during the power up sequence,
LDOs 1, 2, 3 and 7 are powered up during the power up sequence. LDOs 4, 5, and 6 are separately externally
enabled and will follow LDO3 in start up if their respective enable pin is pulled high. LDO1, LDO2, LDO7 and
LDO8 can be enabled/disabled via the Serial Interface
LDO3 must remain in regulation otherwise the device will power down.
The LILO-type LDO is optimized for low output voltage and for good dynamic performance to supply different fast
charging (digital) pads.
INPUT VOLTAGES
There are two input voltage pins used to power the eight LDOs on the LP3923. VIN1 is the supply for LDO1 and
LDO2. VIN2 is the supply for LDO3, LDO4, LDO5, LDO6, LDO7, and LDO8.
EXTERNAL CAPACITORS
The Low Drop Out Linear Voltage regulators on the LP3923 require external capacitors to ensure stable outputs.
The LDOs on the LP3923 are specifically designed to use small surface mount ceramic capacitors which require
minimum board space. These capacitors must be correctly selected for good performance.
INPUT CAPACITOR
Input capacitors are required for correct operation. It is recommended that a 10 µF capacitor be connected
between each of the voltage input pins and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analogue ground. A ceramic capacitor is recommended although a good quality tantalum or film capacitor may
be used at the input.
24
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com