Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281TLX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP55281TLX/NOPB
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281TLX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP55281TLX/NOPB Datasheet HTML 1Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 2Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 3Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 4Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 5Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Battery/Charger voltage must be above 6 V, and no more than 10% of the operational lifetime.
(5)
Voltage tolerance of LP55281 above 6 V relies on fact that VVDD1 and VVDD2 (2.8 V) are available (ON) at all conditions. If VVDD1 and
VVDD2 are not available (ON) at all conditions, Texas Instruments does not ensure any parameters or reliability for this device.
(6)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typical) and
disengages at TJ = 140°C (typical)
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
V (SW, FB, R1-4, G1-4, B1-4, ALED)(4) (5)
–0.3
7.2
V
VVDD1, VVDD2, VVDDIO, VVDDA
–0.3
6
V
Voltage on ASE1-2, IRT, IRGB, VREF
–0.3 to VVDD1 + 0.3 V with 6 V maximum
Voltage on logic pins
–0.3 to VVDDIO + 0.3 V with 6 V maximum
V (all other pins): voltage to GND
–0.3
6
I (VREF)
10
µA
I (R1-4, G1-4, B1-4)
100
mA
Continuous power dissipation(6)
Internally limited
Junction temperature, TJ-MAX
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process..
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
All voltages are with respect to the potential at the GND pins.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA x PD-MAX).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
NOM
MAX
UNIT
V (SW, FB, R1-4, G1-4, B1-4, ALED)
0
6
V
VVDD1,2 with external LDO
2.7
5.5
V
VVDD1,2 with internal LDO
3
5.5
V
VDDA
2.7
2.9
V
VVDDIO
1.65
VVDD1
Voltage on ASE1-2
0.1 V to VVDDA – 0.1 V
Recommended load current
0
300
mA
Junction temperature, TJ
–30
125
°C
Ambient temperature, TA
(2)
–30
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com