Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720TLX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LP8720TLX/NOPB
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8720TLX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8720TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8720TLX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
C1 =
1
(2 x 5 x RFB1 x 45 x 10
3)
VOUT = VFB x
RFB1
RFB2
1+
©
§
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
The formula for output voltage selection is
•
VOUT – output voltage
•
VFB – feedback voltage (0.5V)
(1)
For any out voltage greater than or equal to 0.8V a transfer function zero should be added by the addition of a
capacitor C1. The formula for calculation of C1 is:
(2)
For recommended component values see the table below.
VOUT [V]
RFB1 [kΩ]
RFB2 [kΩ]
C1 [pF]
L [µH]
COUT [µF]
1.0
200
200
18
2.2
10
1.2
280
200
12
2.2
10
1.4
360
200
10
2.2
10
1.5
360
180
10
2.2
10
1.6
440
200
8.2
2.2
10
1.85
540
200
6.8
2.2
10
LDO’s
There are, all together, 5 LDO’s in the LP8720 grouped as:
•
A-type LDO’s (LDO2, 3)
•
D-type LDO’s (LDO1, 5)
•
LO-type LDO (LDO 4)
The A-type LDO’s are optimized for supplying of analog loads and have ultra low noise (15 µVRMS) and excellent
PSRR (70 dB) performance.
The D-type LDO’s are optimized for good dynamic performance to supply different fast changing (digital) loads.
The LO-type LDO is optimized for low output voltage and for good dynamic performance to supply different fast
changing (digital) loads.
All LDO’s can be programmed through serial interface for 32 different output voltage values, which are
summarized in the Ouput Voltage Programming tables below.
At the PMU power on, LDO’s start up according to the selected startup sequence, and the default voltages after
startup sequence depend on startup setup. See section Power-On and Power-Off Sequences for details.
For stability all LDO’s have to be connected to output an external capacitor COUT with recommended value of 1
µF. It is important to select the type of capacitor which capacitance will in no case (voltage, temperature, etc) be
outside of limits specified in the LDO Electrical Characteristics.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com