Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC507 Datasheet(PDF) 2 Page - Texas Instruments

Part # MPC507
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPC507 Datasheet(HTML) 2 Page - Texas Instruments

  MPC507 Datasheet HTML 1Page - Texas Instruments MPC507 Datasheet HTML 2Page - Texas Instruments MPC507 Datasheet HTML 3Page - Texas Instruments MPC507 Datasheet HTML 4Page - Texas Instruments MPC507 Datasheet HTML 5Page - Texas Instruments MPC507 Datasheet HTML 6Page - Texas Instruments MPC507 Datasheet HTML 7Page - Texas Instruments MPC507 Datasheet HTML 8Page - Texas Instruments MPC507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MPC506A, MPC507A
2
SBFS018A
www.ti.com
ELECTRICAL CHARACTERISTICS
Supplies = +15V, –15V; V
REF (Pin 13) = Open; VAH (Logic Level High) = +4.0V; VAL (Logic Level Low) = +0.8V unless otherwise specified.
MPC506A/MPC507A
PARAMETER
TEMP
MIN
TYP
MAX
UNITS
ANALOG CHANNEL CHARACTERISTICS
V
S, Analog Signal Range
Full
–15
+15
V
R
ON, On Resistance
(1)
+25
°C
1.3
1.5
k
Ω
Full
1.5
1.8
k
Ω
I
S (OFF), Off Input Leakage Current
+25
°C
0.5
nA
Full
10
nA
I
D (OFF), Off Output Leakage Current
+25
°C
0.2
nA
MPC506A
Full
5
nA
MPC507A
Full
5
nA
I
D (OFF) with Input Overvoltage Applied
(2)
+25
°C2
µA
I
D (ON), On Channel Leakage Current
+25
°C2
nA
MPC506A
Full
10
nA
MPC507A
Full
10
nA
I
DIFF Differential Off Output Leakage Current
(MPC507A Only)
Full
10
nA
DIGITAL INPUT CHARACTERISTICS
V
AL, Input Low Threshold
Full
0.8
V
V
AH, Input High Threshold
(3)
Full
4.0
V
V
AL, MOS Drive
(4)
+25
°C
0.8
V
V
AH, MOS Drive
(4)
+25
°C
6.0
V
I
A, Input Leakage Current (High or Low)
(5)
Full
1.0
µA
SWITCHING CHARACTERISTICS
t
A, Access Time
+25
°C
0.3
µs
Full
0.6
µs
t
OPEN, Break-Before-Make Delay
+25
°C25
80
ns
t
ON (EN), Enable Delay (ON)
+25
°C
200
ns
Full
500
ns
t
OFF (EN), Enable Delay (OFF)
+25
°C
250
ns
Full
500
ns
Settling Time (0.1%)
+25
°C
1.2
µs
(0.01%)
+25
°C
3.5
µs
"OFF Isolation"(6)
+25
°C50
68
dB
C
S (OFF), Channel Input Capacitance
+25
°C5
pF
C
D (OFF), Channel Output Capacitance: MPC506A
+25
°C50
pF
MPC507A
+25
°C25
pF
C
A, Digital Input Capacitance
25
°C5
pF
C
DS, (OFF), Input to Output Capacitance
+25
°C
0.1
pF
POWER REQUIREMENTS
P
D, Power Dissipation
Full
7.5
mW
I+, Current Pin 1(7)
Full
0.7
1.5
mA
I–, Current Pin 27(7)
Full
5
20
µA
NOTES: (1) V
OUT = ±10V, IOUT = –100µA. (2) Analog overvoltage = ±33V. (3) To drive from DTL/TTL circuits. 1kΩ pull-up resistors to +5.0V supply are recommended.
(4) V
REF
= +10V. (5) Digital input leakage is primarily due to the clamp diodes. Typical leakage is less than 1nA at 25
°C. (6) V
EN
= 0.8V, R
L
= 1k
Ω,
C
L = 15pF, VS = 7Vrms, f = 100kHz. Worst-case isolation occurs on channel 8 due to proximity of the output pins. (7) VEN, VA = 0V or 4.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com