Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT273 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74ACT273
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT273 Datasheet(HTML) 5 Page - STMicroelectronics

  74ACT273 Datasheet HTML 1Page - STMicroelectronics 74ACT273 Datasheet HTML 2Page - STMicroelectronics 74ACT273 Datasheet HTML 3Page - STMicroelectronics 74ACT273 Datasheet HTML 4Page - STMicroelectronics 74ACT273 Datasheet HTML 5Page - STMicroelectronics 74ACT273 Datasheet HTML 6Page - STMicroelectronics 74ACT273 Datasheet HTML 7Page - STMicroelectronics 74ACT273 Datasheet HTML 8Page - STMicroelectronics 74ACT273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
CK to Q
5.0
(*)
1.5
6.5
8.5
1.5
9.0
ns
tPLH
tPHL
Propagation Delay Time
CLR to Q
5.0
(*)
1.5
7.0
9.0
1.5
9.5
ns
twL
CLR pulse Width, LOW
5.0
(*)
1.5
4.0
4.0
ns
tw
CK pulse Width
5.0
(*)
1.0
4.0
4.0
ns
ts
Setup Time Q to CK
HIGH or LOW
5.0
(*)
1.0
3.5
3.5
ns
th
Hold Time Q to CK
HIGH or LOW
5.0
(*)
-0.5
1.5
1.5
ns
tREM
Recovery Time CLR to
CK
5.0
(*)
0.5
3.0
3.0
ns
fMAX
Maximum Clock
Frequency
5.0
(*)
125
190
110
MHz
(*) Voltage range is 5V
± 0.5V
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
fIN =10 MHz
32
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/n(per circuit)
74ACT273
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com