Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803256 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803256
Description  EML-EX (40X25)R - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803256 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803256 Datasheet HTML 1Page - PHOENIX CONTACT 0803256 Datasheet HTML 2Page - PHOENIX CONTACT 0803256 Datasheet HTML 3Page - PHOENIX CONTACT 0803256 Datasheet HTML 4Page - PHOENIX CONTACT 0803256 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, Number of individual
labels: 1000, text field height: 25 mm, text field width: 40 mm
Your advantages
The EML...-EX self-adhesive device markers are designed for the identification of various types of equipment in areas where extreme resistance
to chemicals is required
•
The marking meets the requirements regarding legibility, adhesion, and wipe resistance as stipulated in industries such as the process industry
and process engineering due to the presence of extreme chemicals
•
These labels meet the requirements for wipe resistance in accordance with DIN EN 61010-1 against aggressive media such as acetone, ethanol,
and MEK
•
Thanks to the special surface and adhesive, the marker meets the demanding requirements of process engineering
•
When high-quality ink ribbons are used, the marking is resistant to solvents and suitable for use even under harsh industrial conditions.
•
Precise printing quality and good adhesive properties
•
Commercial data
Item number
0803256
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG21
Product key
BG2611
GTIN
4046356939102
Weight per piece (including packing)
285.3 g
Weight per piece (excluding packing)
285.3 g
Customs tariff number
39269097
Country of origin
PL
EML-EX (40X25)R - Label
0803256
https://www.phoenixcontact.com/us/products/0803256
Jul 1, 2025, 6:08AM
Page 1 (5)


Similar Part No. - 0803256

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803251 PHOENIX-0803251 Datasheet
186Kb / 5P
EML-EX (10X4)R - Label
0803254 PHOENIX-0803254 Datasheet
185Kb / 5P
EML-EX (20X8)R - Label
0803255 PHOENIX-0803255 Datasheet
185Kb / 5P
EML-EX (30X20)R - Label
0803257 PHOENIX-0803257 Datasheet
183Kb / 5P
EML-EX (70X50)R - Label
0803258 PHOENIX-0803258 Datasheet
184Kb / 5P
EML-EX (100X40)R - Label
More results

Similar Description - 0803256

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801841 PHOENIX-0801841 Datasheet
47Kb / 3P
Label - EML (25,4X12,7)R TR
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815693 PHOENIX-0815693 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R GN
0815703 PHOENIX-0815703 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R RD
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com