Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803954 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803954
Description  MM-EMLF (EX24)R C1 GN/WH - Label, highly flexible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803954 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803954 Datasheet HTML 1Page - PHOENIX CONTACT 0803954 Datasheet HTML 2Page - PHOENIX CONTACT 0803954 Datasheet HTML 3Page - PHOENIX CONTACT 0803954 Datasheet HTML 4Page - PHOENIX CONTACT 0803954 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Device marking
Product property
Highly flexible
Marking
Identification technology
Thermal transfer
Mounting
Mounting type
adhesive
Material specifications
Foil strength
70 µm
Adhesive
Acrylic
multicolored
green (RAL 6021)
Color
white (RAL 9010)
Material
Vinyl polymer
Components
Free from silicone and cadmium
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Isopropyl
[CAS No. 67-63-0]
Test passed
n-Hexane
[CAS No. 110-54-3]
Test passed
Water + Petroleum ether
[CAS No. 64742-82-1]
Test passed
Testing in a condensation changing climate in the presence of sulfur dioxide
Specification
DIN 50018:2013-05
Result
Test passed
Climate level
AHT 1.0 S
Cycles
2
MM-EMLF (EX24)R C1 GN/WH - Label, highly flexible
0803954
https://www.phoenixcontact.com/us/products/0803954
Jul 1, 2025, 5:53AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com