Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804483 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804483
Description  LS-EMLP (80X40) WH - Device marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804483 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804483 Datasheet HTML 1Page - PHOENIX CONTACT 0804483 Datasheet HTML 2Page - PHOENIX CONTACT 0804483 Datasheet HTML 3Page - PHOENIX CONTACT 0804483 Datasheet HTML 4Page - PHOENIX CONTACT 0804483 Datasheet HTML 5Page - PHOENIX CONTACT 0804483 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK
LASER, mounting type: adhesive, Number of individual labels: 8, text field height: 40 mm, text
field width: 80 mm
Your advantages
Stick-on device marking
•
Prefabricated device markers in the proven laser-sheet format for ideal positioning in the marking device
•
Very high contrast due to the white top layer with black marking
•
Commercial data
Item number
0804483
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG19
Product key
BG241D
GTIN
4055626352077
Weight per piece (including packing)
40.41 g
Weight per piece (excluding packing)
38.15 g
Customs tariff number
39203000
Country of origin
DE
LS-EMLP (80X40) WH - Device marker
0804483
https://www.phoenixcontact.com/us/products/0804483
Jul 1, 2025, 7:44AM
Page 1 (6)


Similar Part No. - 0804483

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804433 PHOENIX-0804433 Datasheet
182Kb / 5P
UC-EMLP (60X30) RD - Plastic label
0804447 PHOENIX-0804447 Datasheet
184Kb / 5P
US-EMLP (27X8) RD - Plastic label
0804449 PHOENIX-0804449 Datasheet
184Kb / 5P
US-EMLP (27X18) RD - Plastic label
0804455 PHOENIX-0804455 Datasheet
254Kb / 14P
PCB terminal block, Push-in spring connection
0804455 PHOENIX-0804455 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
More results

Similar Description - 0804483

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
1401404 PHOENIX-1401404 Datasheet
46Kb / 2P
Marker pin - BN WH
5031171 PHOENIX-5031171 Datasheet
50Kb / 2P
Contactor marker - zack marker strip - SS-ZB WH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com