Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0825331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0825331
Description  UC-EMP (60X30) YE - Snap-in markers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0825331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0825331 Datasheet HTML 1Page - PHOENIX CONTACT 0825331 Datasheet HTML 2Page - PHOENIX CONTACT 0825331 Datasheet HTML 3Page - PHOENIX CONTACT 0825331 Datasheet HTML 4Page - PHOENIX CONTACT 0825331 Datasheet HTML 5Page - PHOENIX CONTACT 0825331 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Snap-in markers, Sheet, yellow, unlabeled, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: latching, Number of individual labels: 3, text field height: 30 mm, text field width:
60 mm
Your advantages
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing system
•
The UC-EMP ... UniCard labeling range includes markers that can be fitted into existing CARRIER-EMP ... label frames
•
The sheets provide additional space for project information and function text that can be helpful during further assembly
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0825331
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG10
Product key
BG2417
GTIN
4046356349970
Weight per piece (including packing)
11.87 g
Weight per piece (excluding packing)
12.6 g
Customs tariff number
39269097
Country of origin
PL
UC-EMP (60X30) YE - Snap-in markers
0825331
https://www.phoenixcontact.com/us/products/0825331
Jul 1, 2025, 5:51AM
Page 1 (6)


Similar Part No. - 0825331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0825330 PHOENIX-0825330 Datasheet
70Kb / 5P
Snap-in markers - UC-EMP (60X15) YE
09/11/2020
More results

Similar Description - 0825331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0822275 PHOENIX-0822275 Datasheet
64Kb / 3P
UC-EMP (60X30)
0825427 PHOENIX-0825427 Datasheet
53Kb / 2P
Snap-in markers - UC-EMP (27X8)
0825433 PHOENIX-0825433 Datasheet
55Kb / 3P
Snap-in markers - UC-EMP (27X12,5)
0825445 PHOENIX-0825445 Datasheet
56Kb / 3P
Snap-in markers - UC-EMP (27X18)
0825451 PHOENIX-0825451 Datasheet
52Kb / 2P
Snap-in markers - UC-EMP (27X27)
0827925 PHOENIX-0827925 Datasheet
52Kb / 3P
Snap-in markers - UC-EMP (27X18) RD
0822657 PHOENIX-0822657 Datasheet
59Kb / 4P
Plastic label - UC-EMLP (60X30) YE
09/11/2020
0825330 PHOENIX-0825330 Datasheet
70Kb / 5P
Snap-in markers - UC-EMP (60X15) YE
09/11/2020
1014118 PHOENIX-1014118 Datasheet
58Kb / 3P
Snap-in markers - UCT-EMP (29X8)
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com