Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA32613TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA32613TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 35Page - STMicroelectronics STA32613TR Datasheet HTML 36Page - STMicroelectronics STA32613TR Datasheet HTML 37Page - STMicroelectronics STA32613TR Datasheet HTML 38Page - STMicroelectronics STA32613TR Datasheet HTML 39Page - STMicroelectronics STA32613TR Datasheet HTML 40Page - STMicroelectronics STA32613TR Datasheet HTML 41Page - STMicroelectronics STA32613TR Datasheet HTML 42Page - STMicroelectronics STA32613TR Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39/43
STA326
9
SCHEMATIC DIAGRAMS
Table 37. Component Selection Table 1
Table 38. Component Selection Table 2
Figure 16. Schematic Diagram for 2(Half-bridge).1(Full-bridge)-channel On-board Power.
Load
Inductor
Capacitor
4
Ω
10uH
1.0uF
6
Ω
15uH
470nF
8
Ω
22uH
470nF
Load
Inductor
Capacitor
4
Ω
22uH
680nF
6
Ω
33uH
470nF
8
Ω
47uH
390nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com