Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5R-VC24. Datasheet(PDF) 7 Page - IDEC Corporation

Part # PS5R-VC24.
Description  Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-VC24. Datasheet(HTML) 7 Page - IDEC Corporation

  PS5R-VC24. Datasheet HTML 1Page - IDEC Corporation PS5R-VC24. Datasheet HTML 2Page - IDEC Corporation PS5R-VC24. Datasheet HTML 3Page - IDEC Corporation PS5R-VC24. Datasheet HTML 4Page - IDEC Corporation PS5R-VC24. Datasheet HTML 5Page - IDEC Corporation PS5R-VC24. Datasheet HTML 6Page - IDEC Corporation PS5R-VC24. Datasheet HTML 7Page - IDEC Corporation PS5R-VC24. Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SAFETY PRECAUTIONS
The PS5R-V should be placed in a proper enclosure. It is designed to be used with general
electrical equipment and industrial electric devices
• Do not use switching power supplies with electric equipment whose malfunction or
inadvertent operation may damage the human body or life directly.
• Make sure that the input voltage and output current do not exceed the ratings. If the
input voltage and output current exceed the ratings, electric shock, fire, or malfunction
may occur.
• Do not touch the terminals of the switching power supply while input voltage is
applied, otherwise electric shock may occur.
• Provide the final product with protection against malfunction or damage that may be
caused by malfunction of the switching power supply.
• Operating temperatures should not exceed the ratings. Be sure to note the derating
characteristics. If the operating temperature exceeds the ratings, electric shock, fire,
or malfunction may occur.
• Blown fuses indicate that the internal circuits are damaged. Contact IDEC for repair. Do
not just replace the fuse and reoperate, otherwise electric shock, fire, or malfunction
may occur.
• Do not use the switching power supplies to charge rechargeable batteries.
• Do not overload or short-circuit the switching power supply for a long period of time,
otherwise the internal elements may be damaged.
• Do not disassemble, repair, or modify the power supplies, otherwise the high voltage
internal part may cause electric shock, fire, or malfunction.
• The fuse inside the PS5R-V switching power supply is for AC input. Use an external
fuse for DC input.
OPERATING INSTRUCTIONS
Notes for installation
• Do not close the top or bottom openings of the PS5R-V to allow for heat radiation by
convection.
• When mounting multiple PS5R-V switching power supplies side by side, maintain a
minimum of 10 mm clearance. Observe the derating curves in consideration of the
ambient temperature.
10mm minimum
• When the derating voltage may exceed the recommended value, provide forced air-
cooling.
• Make sure to wire the ground terminal correctly.
• For wiring, use wires of heat resistance of 60oC or higher (PS5R-VB: 80oC or higher).
Use copper wire of the following sizes, according to the rated current.
Terminal
Wire Size (allowable
current)
Wire Type
Input
AWG 18 to 14
Copper Solid/Stranded
Output
AWG18 to 14 (AWG18: 7A,
AWG16: 10A, AWG14: 15A)
Cross-Sectional are AWG18: 0.82mm2, AWG16: 1.31mm2, AWG14: 2.0mm2
Applicable crimp terminal (reference)
7.0 max.
4.1 max.
5.6 min. (6.3 min for PS5R-VG)
ø3.6min.
• Recommended tightening torque of the input and output terminals is 1.0 to 1.3N·m
(0.8N·m for UL).
Mounting on DIN Rails
1. Use a 35mm-wide DIN rail.
2.Place the PS5R-V on the DIN rail as shown with input terminal side up (), and press the
PS5R-V towards the DIN rail (). Make sure that the PS5R-V is installed firmly.
3. Use BNL6 end clips to ensure power supplies do not slide off the end of the DIN rail. Use of
BNL8 end clips is recommended when excessive vibration or shock is anticipated.
Removal
• Insert a flat screwdriver into the slot in the clamp, and pull out until it clicks (). The
lock mechanism is released and the PS5R-V can be removed (). When mounting the
PS5R-V again, push in the latch first.
Mounting
Removal
Clamp
Installing a Panel Mounting Bracket
Latch
Latch
LOCK
LOCK
Panel Mounting Bracket (PS9Z-5R1, PS9Z-6R1F)
Panel Mounting Bracket (PS9Z-5R2B)
Power
Supply
Power
Supply
Tab
Tab
Slot
LOCK
UNLOCK
LOCK
UNLOCK
Push in the latch to LOCK
position.
Install the tab on the panel
mounting bracket into the slot
on the power supply.
Install the brackets as shown
on the left.
Ensure that the panel mounting
bracket is locked by the latch.
Pull out the latch to
UNLOCK position.
Insert the tab on the panel
mounting bracket into the slot
on the power supply.
Push in the latch to LOCK
position.
Ensure that the panel mounting
bracket is locked by the latch.
Latch
Latch
LOCK
LOCK
Panel Mounting Bracket (PS9Z-5R1, PS9Z-6R1F)
Panel Mounting Bracket (PS9Z-5R2B)
Power
Supply
Power
Supply
Tab
Tab
Slot
LOCK
UNLOCK
LOCK
UNLOCK
Push in the latch to LOCK
position.
Install the tab on the panel
mounting bracket into the slot
on the power supply.
Install the brackets as shown
on the left.
Ensure that the panel mounting
bracket is locked by the latch.
Pull out the latch to
UNLOCK position.
Insert the tab on the panel
mounting bracket into the slot
on the power supply.
Push in the latch to LOCK
position.
Ensure that the panel mounting
bracket is locked by the latch.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com