Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX110F016B Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC32MX110F016B
Description  32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX110F016B Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC32MX110F016B Datasheet HTML 90Page - Microchip Technology PIC32MX110F016B Datasheet HTML 91Page - Microchip Technology PIC32MX110F016B Datasheet HTML 92Page - Microchip Technology PIC32MX110F016B Datasheet HTML 93Page - Microchip Technology PIC32MX110F016B Datasheet HTML 94Page - Microchip Technology PIC32MX110F016B Datasheet HTML 95Page - Microchip Technology PIC32MX110F016B Datasheet HTML 96Page - Microchip Technology PIC32MX110F016B Datasheet HTML 97Page - Microchip Technology PIC32MX110F016B Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 344 page
background image
PIC32MX1XX/2XX 28/36/44-PIN FAMILY
DS60001168H-page 94
 2011-2015 Microchip Technology Inc.
REGISTER 9-8:
DCHxECON: DMA CHANNEL ‘x’ EVENT CONTROL REGISTER
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
23:16
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CHAIRQ<7:0>(1)
15:8
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CHSIRQ<7:0>(1)
7:0
S-0
S-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
CFORCE
CABORT
PATEN
SIRQEN
AIRQEN
—
—
—
Legend:
S = Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-24 Unimplemented: Read as ‘0’
bit 23-16 CHAIRQ<7:0>: Channel Transfer Abort IRQ bits(1)
11111111
= Interrupt 255 will abort any transfers in progress and set CHAIF flag
•
•
•
00000001
= Interrupt 1 will abort any transfers in progress and set CHAIF flag
00000000
= Interrupt 0 will abort any transfers in progress and set CHAIF flag
bit 15-8
CHSIRQ<7:0>:
Channel Transfer Start IRQ bits(1)
11111111
= Interrupt 255 will initiate a DMA transfer
•
•
•
00000001
= Interrupt 1 will initiate a DMA transfer
00000000
= Interrupt 0 will initiate a DMA transfer
bit 7
CFORCE:
DMA Forced Transfer bit
1
= A DMA transfer is forced to begin when this bit is written to a ‘1’
0
= This bit always reads ‘0’
bit 6
CABORT:
DMA Abort Transfer bit
1
= A DMA transfer is aborted when this bit is written to a ‘1’
0
= This bit always reads ‘0’
bit 5
PATEN:
Channel Pattern Match Abort Enable bit
1
= Abort transfer and clear CHEN on pattern match
0
= Pattern match is disabled
bit 4
SIRQEN:
Channel Start IRQ Enable bit
1
= Start channel cell transfer if an interrupt matching CHSIRQ occurs
0
= Interrupt number CHSIRQ is ignored and does not start a transfer
bit 3
AIRQEN:
Channel Abort IRQ Enable bit
1
= Channel transfer is aborted if an interrupt matching CHAIRQ occurs
0
= Interrupt number CHAIRQ is ignored and does not terminate a transfer
bit 2-0
Unimplemented:
Read as ‘0’
Note 1:
See Table 7-1: “Interrupt IRQ, Vector and Bit Location” for the list of available interrupt IRQ sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com