Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FR6 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUSB3FR6
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FR6 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUSB3FR6_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FR6_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PUSB3FR6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2015
2 of 12
NXP Semiconductors
PUSB3FR6
ESD protection for ultra high-speed interfaces
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
All pins to ground.
Table 1.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
GND
ground
3
CH2
channel 2 ESD protection
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
CH5
channel 5 ESD protection
7
CH6
channel 6 ESD protection
1
2
7
6
5
3
4
Transparent top view
=
aaa-016877
1
2
45
36
7
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PUSB3FR6
DFN2111-7
plastic extremely thin small outline package;
no leads; 7 terminals; body 1.1
 2.1  0.5 mm
SOT1358-1
Table 3.
Marking codes
Type number
Marking code
PUSB3FR6
FR
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
+3.3
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4
[1]
contact discharge
15
+15
kV
air discharge
15
+15
kV
IPPM
rated peak pulse current
tp =8/20 s
77
A
Tamb
ambient temperature
40
+85
C
Tstg
storage temperature
55
+125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com